Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 83Page - STMicroelectronics SPC563M64X Datasheet HTML 84Page - STMicroelectronics SPC563M64X Datasheet HTML 85Page - STMicroelectronics SPC563M64X Datasheet HTML 86Page - STMicroelectronics SPC563M64X Datasheet HTML 87Page - STMicroelectronics SPC563M64X Datasheet HTML 88Page - STMicroelectronics SPC563M64X Datasheet HTML 89Page - STMicroelectronics SPC563M64X Datasheet HTML 90Page - STMicroelectronics SPC563M64X Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
DocID14642 Rev 12
87/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
4.9
I/O Pad current specifications
Note:
SPC563Mxx devices use two sets of I/O pads (5 V and 3.3 V). See Table 4 and Table 5 in
Section 3.3: Signal summary, for the pad type associated with each signal.
The power consumption of an I/O segment depends on the usage of the pins on a particular
segment. The power consumption is the sum of all output pin currents for a particular
segment. The output pin current can be calculated from Table 24 based on the voltage,
frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage,
frequency, and load parameters that fall outside the values given in Table 24.
22. Weak pull up/down inactive. Measured at VDDE = 3.6 V and VDDEH = 5.25 V. Applies to pad types: fast (pad_fc).
23. Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half for
each 8 to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to pad types: pad_a and pad_ae.
24. Applies to CLKOUT, external bus pins, and Nexus pins.
25. Applies to the FCK, SDI, SDO, and SDS pins.
26. This programmable option applies only to eQADC differential input channels and is used for biasing and sensor
diagnostics.
27. When the pull-up and pull-down of the same nominal 200 K
 or 100 K value are both enabled, assuming no interference
from external devices, the resulting pad voltage will be 0.5*VDDE ± 2.5%
Table 24. I/O pad average IDDE specifications
(1)
Pad Type
Symbol
C
Period
(ns)
Load(2)
(pF)
VDDE
(V)
Drive/Slew
Rate Select
IDDE Avg
(mA)(3)
IDDE RMS
(mA)
Slow
IDRV_SSR_HV
CC
D
37
50
5.25
11
9
—
CC
D
130
50
5.25
01
2.5
—
CC
D
650
50
5.25
00
0.5
—
CC
D
840
200
5.25
00
1.5
—
Medium
IDRV_MSR_HV
CC
D
24
50
5.25
11
14
—
CC
D
62
50
5.25
01
5.3
—
CC
D
317
50
5.25
00
1.1
—
CC
D
425
200
5.25
00
3
—
Fast
IDRV_FC
CC
D
10
50
3.6
11
22.7
68.3
CC
D
10
30
3.6
10
12.1
41.1
CC
D
10
20
3.6
01
8.3
27.7
CC
D
10
10
3.6
00
4.44
14.3
CC
D
10
50
1.98
11
12.5
31
CC
D
10
30
1.98
10
7.3
18.6
CC
D
10
20
1.98
01
5.42
12.6
CC
D
10
10
1.98
00
2.84
6.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com