Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 71Page - STMicroelectronics SPC563M64X Datasheet HTML 72Page - STMicroelectronics SPC563M64X Datasheet HTML 73Page - STMicroelectronics SPC563M64X Datasheet HTML 74Page - STMicroelectronics SPC563M64X Datasheet HTML 75Page - STMicroelectronics SPC563M64X Datasheet HTML 76Page - STMicroelectronics SPC563M64X Datasheet HTML 77Page - STMicroelectronics SPC563M64X Datasheet HTML 78Page - STMicroelectronics SPC563M64X Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
DocID14642 Rev 12
75/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
4.6
Power Management Control (PMC) and Power On Reset
(POR) electrical specifications
Table 14. PMC Operating conditions and external regulators supply voltage
ID
Name
C
Parameter
Min
Typ
Max
Unit
1
Jtemp
SR
— Junction temperature
–40
27
150
°C
2
Vddreg
SR
— PMC 5 V supply voltage VDDREG
4.75(1)
55.25
V
3Vdd
SR
—
Core supply voltage 1.2 V VDD when external
regulator is used without disabling the internal
regulator (PMC unit turned on, LVI monitor
active)(2)
1.26(3)
1.3
1.32
V
3a
—
SR
—
Core supply voltage 1.2 V VDD when external
regulator is used with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
1.14
1.2
1.32
V
4Ivdd
SR
—
Voltage regulator core supply maximum DC
output current(4)
400
—
—
mA
5
Vdd33
SR
—
Regulated 3.3 V supply voltage when external
regulator is used without disabling the internal
regulator (PMC unit turned-on, internal 3.3V
regulator enabled, LVI
monitor active)(5)
3.3
3.45
3.6
V
5a
—
SR
—
Regulated 3.3 V supply voltage when external
regulator is used with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
33.3
3.6
V
6—
SR
—
Voltage regulator 3.3 V supply maximum
required DC output current
80
—
—
mA
1.
During start up operation the minimum required voltage to come out of reset state is 4.6 V.
2.
An internal regulator controller can be used to regulate core supply.
3.
The minimum supply required for the part to exit reset and enter in normal run mode is 1.28 V.
4.
The on chip regulator can support a minimum of 400 ma although the worst case core current is 180 ma.
5.
An internal regulator can be used to regulate 3.3 V supply.
Table 15. PMC electrical characteristics
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes
1Vbg
CC
C
Nominal bandgap voltage
reference
—1.219
—
V
1a
—
CC
P
Untrimmed bandgap
reference voltage
Vbg–7%
Vbg
Vbg+6%
V
1b
—
CC
P
Trimmed bandgap
reference voltage (5 V,
27 °C)
Vbg–10mV
Vbg
Vbg+10mV
V
1c
—
CC
C
Bandgap reference
temperature variation
—
100
—
ppm
/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com