Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 63Page - STMicroelectronics SPC563M64X Datasheet HTML 64Page - STMicroelectronics SPC563M64X Datasheet HTML 65Page - STMicroelectronics SPC563M64X Datasheet HTML 66Page - STMicroelectronics SPC563M64X Datasheet HTML 67Page - STMicroelectronics SPC563M64X Datasheet HTML 68Page - STMicroelectronics SPC563M64X Datasheet HTML 69Page - STMicroelectronics SPC563M64X Datasheet HTML 70Page - STMicroelectronics SPC563M64X Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
DocID14642 Rev 12
67/128
SPC563M64x, SPC563M60x
Pinout and signal description
127
VDDEH6 (a, b)
78, 93
95, 110
3.3 V – 5.0 V
RESET, RSTOUT, WKPCFG,
BOOTCFG1, PLLREF, SCK_B,
PCKCFG[0],
CAN_A_TX, CAN_A_RX, CAN_C_TX,
CAN_C_RX,
SCI_A_TX, SCI_A_RX, SCI_B_TX,
SCI_B_RX,
SCK_B, SIN_B, SOUT_B,
DSPI_B_PCS_B[0:5], eMIOS[4],
eMIOS[8:15], eMIOS[23],
XTAL, EXTAL
VDDEH7(2)
102, 113
125, 138
3.3 V – 5.0 V
PCKCFG[1],
MDO[0:3], EVTI, EVTO, MCKO,
MSEO[0:1], TDO, TDI, TMS, TCK,
JCOMP, AN[12:15]
(GPIO[98:99],
GPIO[206:207])
VDDE12(3)
—
16, 119
1.8 V – 3.3 V
CAL_ADDR[12:30], CAL_DATA[0:15],
CAL_CS[0], CAL_CS[2:3],
CAL_RD_WR, CAL_WE[0:1], CAL_OE,
CAL_TS, ALT_MCKO, ALT_EVTO,
NEXUSCFG
1.
These are nominal voltages. All VDDE and VDDEH voltages are –5 %, +10 % (VDDE 1.62 V to 3.6 V, VDDEH 3.0 V to
5.5 V). VDDA is +5 %, –10 %.
2.
The VDDEH7 segment may be powered from 3.0 V to 5.0 V for mux address or SSI functions, but must meet the VDDA
specifications of 4.5 V to 5.25 V for analog input function.
3.
In the calibration package this signal is named VDDE12.
Table 7. SPC563Mx Power/Ground Segmentation (continued)
Power
Segment
144-LQFP Pin
Number
176-LQFP Pin
Number
Voltage
Range(1)
I/O Pins Powered
by Segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com