Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 94 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 94 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 90Page - STMicroelectronics SPC563M64X Datasheet HTML 91Page - STMicroelectronics SPC563M64X Datasheet HTML 92Page - STMicroelectronics SPC563M64X Datasheet HTML 93Page - STMicroelectronics SPC563M64X Datasheet HTML 94Page - STMicroelectronics SPC563M64X Datasheet HTML 95Page - STMicroelectronics SPC563M64X Datasheet HTML 96Page - STMicroelectronics SPC563M64X Datasheet HTML 97Page - STMicroelectronics SPC563M64X Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
94/128
DocID14642 Rev 12
4.13
Platform Flash controller electrical characteristics
DIFFmax
CC
C
Maximum differential voltage
(DANx+ - DANx-) or (DANx- -
DANx+)
PREGAIN set
to 1X setting
–
(VRH -
VRL)/2
V
DIFFmax2
CC
C
PREGAIN set
to 2X setting
–
(VRH -
VRL)/4
V
DIFFmax4
CC
C
PREGAIN set
to 4X setting
–
(VRH -
VRL)/8
V
DIFFcmv
CC
C
Differential input Common mode
voltage (DANx- + DANx+)/2(15)
(VRH -
VRL)/2 -
5%
(VRH -
VRL)/2 +
5%
V
1.
Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to the time that
the ADC is ready to perform conversions.Delay from power up to full accuracy = 8 ms.
2.
At VRH – VRL = 5.12 V, one count = 1.25 mV. Without using pregain.
3.
Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog inputs greater
then VRH and 0x0 for values less then VRL. Other channels are not affected by non-disruptive conditions.
4.
Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within the limit
do not affect device reliability or cause permanent damage.
5.
Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use the larger of the calculated values.
6.
Condition applies to two adjacent pins at injection limits.
7.
Performance expected with production silicon.
8.
All channels have same 10 k
 < Rs < 100 k; Channel under test has Rs=10 k; I
INJ=IINJMAX,IINJMIN.
9.
TUE is tested by averaging 10 samples.
10. TUE is tested by averaging three samples.
11. These values can be significantly improved by using three samples of averaging. Input frequency of 1 kHz was used as the
reference for the Signal to Noise Ratio.
12. Variable gain is controlled by setting the PRE_GAIN bits in the ADC_ACR1-8 registers to select a gain factor of
1, 2, or
4. Settings are for differential input only. Tested at 1 gain. Values for other settings are guaranteed by as indicated.
13. At VRH – VRL = 5.12 V, one LSB = 1.25 mV.
14. Guaranteed 10-bit monotonicity.
15. Voltages between VRL and VRH will not cause damage to the pins. However, they may not be converted accurately if the
differential voltage is above the maximum differential voltage. In addition, conversion errors may occur if the common mode
voltage of the differential signal violates the Differential Input common mode voltage specification.
Table 30. eQADC conversion specifications (operating) (continued)
Symbol
C
Parameter
Value
Unit
min
max
Table 31. APC, RWSC, WWSC settings vs. frequency of operation(1)
1.
Illegal combinations exist, all entries must be taken from the same row.
Target Max Frequency(2)
(MHz)
APC(3)
RWSC(3)
WWSC
20
000
000
01
40
001
001
01
64
010
010
01
80
011
011
01
All
111
111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com