Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 92Page - STMicroelectronics SPC563M64X Datasheet HTML 93Page - STMicroelectronics SPC563M64X Datasheet HTML 94Page - STMicroelectronics SPC563M64X Datasheet HTML 95Page - STMicroelectronics SPC563M64X Datasheet HTML 96Page - STMicroelectronics SPC563M64X Datasheet HTML 97Page - STMicroelectronics SPC563M64X Datasheet HTML 98Page - STMicroelectronics SPC563M64X Datasheet HTML 99Page - STMicroelectronics SPC563M64X Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
96/128
DocID14642 Rev 12
4.15
AC specifications
4.15.1
Pad AC specifications
Table 34. Pad AC specifications (5.0 V)(1)
Name
C
Output Delay
(ns)(2),(3)
Low-to-High/High-
to-Low
Rise/Fall Edge(3),(4)
Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium(5),(6),(7)
CC
D
4.6/3.7
12/12
2.2/2.2
7/7
50
11(8)
CC
D
13/10
32/32
9/9
22/22
200
N/A
10(9)
CC
D
12/13
28/34
5.6/6
15/15
50
01
CC
D
23/23
52/59
11/14
31/31
200
CC
D
69/71
152/165
34/35
74/74
50
00
CC
D
95/90
205/220
44/51
96/96
200
Slow(7),(10)
CC
D
7.3/5.7
19/18
4.4/4.3
14/14
50
11(8)
CC
D
24/19
58/58
17/15
42/42
200
N/A
10(9)
CC
D
26/27
61/69
13/13
34/34
50
01
CC
D
49/45
115/115
27/23
61/61
200
CC
D
137/142
320/330
72/74
164/164
50
00
CC
D
182/172
420/420
90/85
200/200
200
MultiV(11)
(High Swing Mode)
CC
D
4.1/3.6
10.3/8.9
3.28/2.98
8/8
50
11(8)
CC
D
10.4/10.2
24.2/23.6
12.7/11.54
29/29
200
N/A
10(9)
CC
D
8.38/6.11
16/12.9
5.48/4.81
11/11
50
01
CC
D
15.9/13.6
31/28.5
14.6/13.1
31/31
200
CC
D
61.7/10.4
92.2/24.3
42.0/12.2
63/63
50
00
CC
D
85.5/37.3
132.6/
78.9
57.7/46.4
85/85
200
MultiV
(Low Swing Mode)
CC
D
2.31/2.34
7.62/6.33
1.26/1.67
7/7
30
11(8)
Fast(12)
N/A
pad_i_hv(13)
CC
D
0.5/0.5
1.9/1.9
0.3/0.3
1.5/1.5
0.5
N/A
pull_hv
CC
D
NA
6000
—
5000/5000
50
N/A
1.
These are worst case values that are estimated from simulation and not tested. Values in the table are simulated at fSYS =
80 MHz, VDD = 1.14 V to 1.32 V, VDDE = 1.62 V to 1.98 V, VDDEH = 4.5 V to 5.25 V, TA = TL to TH.
2.
This parameter is supplied for reference and is not guaranteed by design and not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com