Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 14Page - STMicroelectronics SPC563M64X Datasheet HTML 15Page - STMicroelectronics SPC563M64X Datasheet HTML 16Page - STMicroelectronics SPC563M64X Datasheet HTML 17Page - STMicroelectronics SPC563M64X Datasheet HTML 18Page - STMicroelectronics SPC563M64X Datasheet HTML 19Page - STMicroelectronics SPC563M64X Datasheet HTML 20Page - STMicroelectronics SPC563M64X Datasheet HTML 21Page - STMicroelectronics SPC563M64X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
18/128
DocID14642 Rev 12
–
Programmable clock source: system clock or oscillator clock
–
Support Microsecond Channel (Timed Serial Bus - TSB) upstream Version 1.0
Two FlexCAN
–
One with 32 message buffers; the second with 64 message buffers
–
Full implementation of the CAN protocol specification, Version 2.0B
–
Programmable acceptance filters
–
Short latency time for high priority transmit messages
–
Arbitration scheme according to message ID or message buffer number
–
Listen only mode capabilities
–
Programmable clock source: system clock or oscillator clock
–
Message buffers may be configured as mailboxes or as FIFO
Nexus port controller (NPC)
–
Per IEEE-ISTO 5001-2003
–
Real time development support for Power Architecture core and eTPU engine
through Nexus class 2/1
–
Read and write access (Nexus class 3 feature that is supported on this device)
– Run-time access of entire memory map
– Calibration
–
Support for data value breakpoints / watchpoints
– Run-time access of entire memory map
– Calibration
– Table constants calibrated using MMU and internal and external RAM
– Scalar constants calibrated using cache line locking
–
Configured via the IEEE 1149.1 (JTAG) port
IEEE 1149.1 JTAG controller (JTAGC)
–
IEEE 1149.1-2001 Test Access Port (TAP) interface
–
5-bit instruction register that supports IEEE 1149.1-2001 defined instructions
–
5-bit instruction register that supports additional public instructions
–
Three test data registers: a bypass register, a boundary scan register, and a
device identification register
–
Censorship disable register. By writing the 64-bit serial boot password to this
register, Censorship may be disabled until the next reset
–
TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry
On-chip Voltage Regulator for single 5 V supply operation
–
On-chip regulator 5 V to 3.3 V for internal supplies
–
On-chip regulator controller 5 V to 1.2 V (with external bypass transistor) for core
logic
Low-power modes
–
SLOW Mode. Allows device to be run at very low speed (approximately 1 MHz),
with modules (including the PLL) selectively disabled in software
–
STOP Mode. System clock stopped to all modules including the CPU. Wake-up
timer used to restart the system clock after a predetermined time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com