Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 11Page - STMicroelectronics SPC563M64X Datasheet HTML 12Page - STMicroelectronics SPC563M64X Datasheet HTML 13Page - STMicroelectronics SPC563M64X Datasheet HTML 14Page - STMicroelectronics SPC563M64X Datasheet HTML 15Page - STMicroelectronics SPC563M64X Datasheet HTML 16Page - STMicroelectronics SPC563M64X Datasheet HTML 17Page - STMicroelectronics SPC563M64X Datasheet HTML 18Page - STMicroelectronics SPC563M64X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
DocID14642 Rev 12
15/128
SPC563M64x, SPC563M60x
Overview
127
Periodic interrupt timer (PIT)
–
32-bit wide down counter with automatic reload
–
Four channels clocked by system clock
–
One channel clocked by crystal clock
–
Each channel can produce periodic software interrupt
–
Each channel can produce periodic triggers for eQADC queue triggering
–
One channel out of the five can be used as wake-up timer to wake device from low
power stop mode
System timer module (STM)
–
32-bit up counter with 8-bit prescaler
–
Clocked from system clock
–
Four-channel timer compare hardware
–
Each channel can generate a unique interrupt request
–
Designed to address AUTOSAR task monitor function
Software watchdog timer (SWT)
–
32-bit timer
–
Clock by system clock or crystal clock
–
Can generate either system reset or non-maskable interrupt followed by system
reset
–
Enabled out of reset
Enhanced modular I/O system (eMIOS)
–
16 timer channels (up to 14 channels in LQFP144)
–
24-bit timer resolution
–
3 selectable time bases plus shared time or angle counter bus from eTPU2
–
DMA and interrupt request support
–
Motor control capability
Second-generation enhanced time processor unit (eTPU2)
–
Object-code compatible with eTPU—no changes are required to hardware or
software if only eTPU features are used
–
Intelligent co-processor designed for timing control
–
High level tools, assembler and compiler available
–
32 channels (each channel has dedicated I/O pin in all packages)
–
24-bit timer resolution
–
14 KB code memory and 3 KB data memory
–
Double match and capture on all channels
–
Angle clock hardware support
–
Shared time or angle counter bus with eMIOS
–
DMA and interrupt request support
–
Nexus Class 1 debug support
–
eTPU2 enhancements
– Counters and channels can run at full system clock speed
– Software watchdog
– Real-time performance monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com