Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 70Page - STMicroelectronics SPC563M64X Datasheet HTML 71Page - STMicroelectronics SPC563M64X Datasheet HTML 72Page - STMicroelectronics SPC563M64X Datasheet HTML 73Page - STMicroelectronics SPC563M64X Datasheet HTML 74Page - STMicroelectronics SPC563M64X Datasheet HTML 75Page - STMicroelectronics SPC563M64X Datasheet HTML 76Page - STMicroelectronics SPC563M64X Datasheet HTML 77Page - STMicroelectronics SPC563M64X Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
74/128
DocID14642 Rev 12
4.4
Electromagnetic Interference (EMI) characteristics
4.5
Electromagnetic static discharge (ESD) characteristics
Table 12. EMI testing specifications(1)
Symbol
Parameter
Conditions
fOSC/fBUS
Frequency
Level
(Typ)
Unit
Radiated
Emissions
VEME
Device
Configuration, test
conditions and EM
testing per
standard
IEC61967-2;
Supply Voltage =
5.0V DC, Ambient
Temperature =
25 °C, Worst-case
Orientation
Oscillator
Frequency = 8
MHz;
System Bus
Frequency = 80
MHz;
No PLL
Frequency
Modulation
150 kHz – 50
MHz
26
dB
V
50–150 MHz
24
150–500 MHz
24
500–1000 MHz
21
IEC Level
K
—
Oscillator
Frequency = 8
MHz;
System Bus
Frequency = 80
MHz;
1% PLL
Frequency
Modulation
150 kHz – 50
MHz
20
dB
V
50–150 MHz
19
150–500 MHz
14
500–1000 MHz
7
IEC Level
L
—
1.
IEC Classification Level: L = 24 dBµV; K = 30 dBµV.
Table 13. ESD ratings(1),(2)
Symbol
Parameter
Conditions
Value
Unit
—
SR
ESD for Human Body Model (HBM)
—
2000
V
R1
SR
HBM circuit description
—1500
C
SR
—
100
pF
—SR
ESD for field induced charge Model
(FCDM)
All pins
500
V
Corner pins
750
—
SR
Number of pulses per pin
Positive pulses (HBM)
1
—
Negative pulses (HBM)
1
—
—
SR
Number of pulses
—
1
—
1.
All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2.
Device failure is defined as: “If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com