Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 6Page - STMicroelectronics SPC563M64X Datasheet HTML 7Page - STMicroelectronics SPC563M64X Datasheet HTML 8Page - STMicroelectronics SPC563M64X Datasheet HTML 9Page - STMicroelectronics SPC563M64X Datasheet HTML 10Page - STMicroelectronics SPC563M64X Datasheet HTML 11Page - STMicroelectronics SPC563M64X Datasheet HTML 12Page - STMicroelectronics SPC563M64X Datasheet HTML 13Page - STMicroelectronics SPC563M64X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
10/128
DocID14642 Rev 12
2.2
SPC563Mxx features
Operating Parameters
–
Fully static operation, 0 MHz – 80 MHz (plus 2 % frequency modulation - 82 MHz)
–
–40
C to 150 C junction temperature operating range
–
Low power design
– Less than 400 mW power dissipation (nominal)
– Designed for dynamic power management of core and peripherals
Calibration bus width(1)
16 bits
16 bits
DMA (direct memory access) channels
32
32
eMIOS (enhanced modular input-output system) channels
16
16
eQADC (enhanced queued analog-to-digital converter)
channels (on-chip)
Up to 34(2)
Up to 34(2)
eSCI (serial communication interface)
2
2
DSPI (deserial serial peripheral interface)
2
2
Microsecond Channel compatible interface
2
2
eTPU (enhanced time processor unit)
Yes
Yes
Channels
32
32
Code memory (KB)
14
14
Parameter RAM (KB)
3
3
FlexCAN (controller area network)(3)
22
FMPLL (frequency-modulated phase-locked loop)
Yes
Yes
INTC (interrupt controller) channels
364(4)
364(4)
JTAG controller
Yes
Yes
NDI (Nexus development interface) level
Class 2+
Class 2+
Non-maskable interrupt and critical interrupt
Yes
Yes
PIT (periodic interrupt timers)
5
5
Task monitor timer
4 channels
4 channels
Temperature sensor
Yes
Yes
Windowing software watchdog
Yes
Yes
Packages
LQFP144
LQFP176
LQFP144
LQFP176
1.
Calibration package only.
2.
The 176-pin package has 34 input channels; 144-pin package has 32 input channels; 100-pin package has 23 input
channels.
3.
One FlexCAN module has 64 message buffers; the other has 32 message buffers.
4.
165 interrupt channels are reserved for compatibility with future devices. This device has 191 peripheral interrupt sources
plus 8 software interrupts available to the user.
Table 2. SPC563Mxx family device summary (continued)
Feature
SPC563M64
SPC563M60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com