Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 120 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 120 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 116Page - STMicroelectronics SPC563M64X Datasheet HTML 117Page - STMicroelectronics SPC563M64X Datasheet HTML 118Page - STMicroelectronics SPC563M64X Datasheet HTML 119Page - STMicroelectronics SPC563M64X Datasheet HTML 120Page - STMicroelectronics SPC563M64X Datasheet HTML 121Page - STMicroelectronics SPC563M64X Datasheet HTML 122Page - STMicroelectronics SPC563M64X Datasheet HTML 123Page - STMicroelectronics SPC563M64X Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
Ordering information
SPC563M64x, SPC563M60x
120/128
DocID14642 Rev 12
6
Ordering information
Figure 29. Commercial product code structure
Memory
Core Family
Y = Tray
R = Tape and Reel
A = 80 MHz
B = 64 MHz
O = Full version
C = –40 to 125 °C
L5 = LQFP144
L7 = LQFP176
60 = 1 Mbyte
64 = 1.5 Mbytes
M = SPC563M Family
3 = e200z3
SPC56 = Power
Architecture-90nm
Temperature
Package
Frequency
SPC56
64
3M
C
L5
A
Example code:
Product identifier
Version
O
Conditioning
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com