Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 98Page - STMicroelectronics SPC563M60X Datasheet HTML 99Page - STMicroelectronics SPC563M60X Datasheet HTML 100Page - STMicroelectronics SPC563M60X Datasheet HTML 101Page - STMicroelectronics SPC563M60X Datasheet HTML 102Page - STMicroelectronics SPC563M60X Datasheet HTML 103Page - STMicroelectronics SPC563M60X Datasheet HTML 104Page - STMicroelectronics SPC563M60X Datasheet HTML 105Page - STMicroelectronics SPC563M60X Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
102/128
DocID14642 Rev 12
Figure 9. JTAG boundary scan timing
4.16.2
Nexus timing
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Table 38. Nexus debug port timing(1)
#
Symbol
C
Characteristic
Min. Value Max. Value
Unit
1tMCYC
CC
D
MCKO Cycle Time
2(2),(3)
8tCYC
1a
tMCYC
CC
D
Absolute Minimum MCKO Cycle Time
100(4)
—ns
2tMDC
CC
D
MCKO Duty Cycle
40
60
%
3tMDOV
CC
D
MCKO Low to MDO Data Valid(5)
– 0.1
0.2
tMCYC
4tMSEOV
CC
D
MCKO Low to MSEO Data Valid(5)
0.1
0.2
tMCYC
6tEVTOV
CC
D
MCKO Low to EVTO Data Valid(5)
– 0.1
0.2
tMCYC
7tEVTIPW
CC
D
EVTI Pulse Width
4.0
—
tTCYC
8tEVTOPW
CC
D
EVTO Pulse Width
1
—
tMCYC
9tTCYC
CC
D
TCK Cycle Time
4(6),(7)
—tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com