Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 99Page - STMicroelectronics SPC563M60X Datasheet HTML 100Page - STMicroelectronics SPC563M60X Datasheet HTML 101Page - STMicroelectronics SPC563M60X Datasheet HTML 102Page - STMicroelectronics SPC563M60X Datasheet HTML 103Page - STMicroelectronics SPC563M60X Datasheet HTML 104Page - STMicroelectronics SPC563M60X Datasheet HTML 105Page - STMicroelectronics SPC563M60X Datasheet HTML 106Page - STMicroelectronics SPC563M60X Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
DocID14642 Rev 12
103/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
Figure 10. Nexus output timing
9a
tTCYC
CC
D
Absolute Minimum TCK Cycle Time
100(8)
—ns
10
tTDC
CC
D
TCK Duty Cycle
40
60
%
11
tNTDIS
CC
D
TDI Data Setup Time
5
—
ns
12
tNTDIH
CC
D
TDI Data Hold Time
25
—
ns
13
tNTMSS
CC
D
TMS Data Setup Time
5
—
ns
14
tNTMSH
CC
D
TMS Data Hold Time
25
—
ns
15
tJOV
CC
D
TCK Low to TDO Data Valid
10
20
ns
1.
All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Nexus timing
specified at VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.25 V with multi-voltage pads programmed to Low-Swing mode, TA
= TL to TH, and CL = 30 pF with DSC = 0b10.
2.
Achieving the absolute minimum MCKO cycle time may require setting the MCKO divider to more than its minimum setting
(NPC_PCR[MCKO_DIV] depending on the actual system frequency being used.
3.
This is a functionally allowable feature. However, this may be limited by the maximum frequency specified by the Absolute
minimum MCKO period specification.
4.
This may require setting the MCKO divider to more than its minimum setting (NPC_PCR[MCKO_DIV]) depending on the
actual system frequency being used.
5.
MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
6.
Achieving the absolute minimum TCK cycle time may require a maximum clock speed (system frequency / 8) that is less
than the maximum functional capability of the design (system frequency / 4) depending on the actual system frequency
being used.
7.
This is a functionally allowable feature. However, this may be limited by the maximum frequency specified by the Absolute
minimum TCK period specification.
8.
This may require a maximum clock speed (system frequency / 8) that is less than the maximum functional capability of the
design (system frequency / 4) depending on the actual system frequency being used.
Table 38. Nexus debug port timing(1) (continued)
#
Symbol
C
Characteristic
Min. Value Max. Value
Unit
1
2
4
6
MCKO
MDO
MSEO
EVTO
Output Data Valid
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com