Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 121 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 121 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 117Page - STMicroelectronics SPC563M60X Datasheet HTML 118Page - STMicroelectronics SPC563M60X Datasheet HTML 119Page - STMicroelectronics SPC563M60X Datasheet HTML 120Page - STMicroelectronics SPC563M60X Datasheet HTML 121Page - STMicroelectronics SPC563M60X Datasheet HTML 122Page - STMicroelectronics SPC563M60X Datasheet HTML 123Page - STMicroelectronics SPC563M60X Datasheet HTML 124Page - STMicroelectronics SPC563M60X Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
DocID14642 Rev 12
121/128
SPC563M64x, SPC563M60x
Revision history
127
7
Revision history
Table 45 summarizes revisions to this document.
Table 45. Document revision history
Date
Revision
Changes
18-Apr-2008
1
Initial release
16-May-2008
2
– Maximum amount of Flash increased from 1 MB to 1.5 MB. Flash memory type has
changed. Rev. 1 and later devices use LC Flash instead of FL Flash.
– Additional packages offered—now includesLQFP100 and LQFP176. Please note that
the pinouts can vary for the same package depending on the amount of Flash
memory included in the device.
– Device comparison table added.
– Feature details section added
– Signal summary table expanded. Now includes PCR register numbers and signal
selection values and pin numbers for all production packages.
– Electrical characteristics updated.
– DSPI timing data added for 40 MHz and 60 MHz.
– Thermal characteristics data updated. Data added for 100- and 176-pin packages.
– DSPI LVDS pad specifications added.
16-Mar-2009
3
Electrical characteristics updated
– Flash memory electrical characteristics updated for LC Flash
– Power management control (PMC) and Power on Reset (POR) specifications updated
– EMI characteristics data added
– Maximum ratings updated
– I/O pad current specifications updated
– I/O Pad VRC33 current specifications added
– Temperature sensor electrical characteristics added
Pad type added to “Voltage” column of signal summary table
Many signal names have changed to make them more understandable
– DSPI: PCS_C[n] is now DSPI_C_PCS[n]; SOUT_C is now DSPI_C_SOUT, SIN_C is
now DSPI_C_SIN, and SCK_C is now DSPI_C_SCK
– CAN: CNTXB is now CAN_B_TX and CNRXB is now CAN_B_RC
– SCI: RXDB is now SCI_B_RX and TXDB is now SCI_B_TX
– In cases where multiple instances of the same IP block is incorporated into the device,
e.g., 2 SCI blocks, the above nomenclature applies to all blocks
“No connect” pins on pinouts clarified
– Pins labelled “NIC” have no internal connection and should be tied to ground
– Pins labelled “NC” are not functional pins but may be connected to internal circuits
They are to be left floating
Some of the longer multiplexed signal names appearing on pinouts have been moved to
the inside of the package body to avoid having to use smaller fonts
Orderable parts table updated
Part number decoder added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com