Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 124 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 124 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 120Page - STMicroelectronics SPC563M60X Datasheet HTML 121Page - STMicroelectronics SPC563M60X Datasheet HTML 122Page - STMicroelectronics SPC563M60X Datasheet HTML 123Page - STMicroelectronics SPC563M60X Datasheet HTML 124Page - STMicroelectronics SPC563M60X Datasheet HTML 125Page - STMicroelectronics SPC563M60X Datasheet HTML 126Page - STMicroelectronics SPC563M60X Datasheet HTML 127Page - STMicroelectronics SPC563M60X Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
Revision history
SPC563M64x, SPC563M60x
124/128
DocID14642 Rev 12
15-Apr-2010
5
(cont.)
– (2) PMC 5 V supply voltage VDDREG min value is 4.5 V (was 4.75 V)
PMC electrical characteristics specifications updated
– (1d) Bandgap reference supply voltage variation is 3000 ppm/V (was 1500 ppm/V)
– (5a) Nominal 3.3 V supply internal regulator DC output voltage variation at power-on
reset min value is Vdd33-8.5% (was unspecified previously)
– (5a) Nominal 3.3 V supply internal regulator DC output voltage variation at power-on
reset max value is Vdd3+7% (was unspecified previously)
– (9a) Variation of POR for rising 5 V VDDREG supply max value is Por5V_r + 50%
(was Por5V_r + 35%)
– (9c) Variation of POR for falling 5 V VDDREG supply max value is Por5V_f + 50%
(was Por5V_f + 35%)
– (9c) note added: Minimum loading (<10 mA) for reading trim values from Flash,
powering internal RC oscillator, and IO consumption during POR.
“Core Voltage Regulator Controller External Components Preferred Configuration”
circuit diagram updated
Changes to DC Electrical Specifications:
– Footnote added to VDDE. VDDE must be less than VRC33 or there is additional leakage
on pins supplied by VDDE.
– Low range SRAM standby voltage (VSTBY) minimum changed to 0.95 V (was 0.9 V)
– Low range SRAM standby voltage (VSTBY) maximum changed to 1.2 V (was 1.3 V)
– High range SRAM standby voltage (VSTBY) minimum changed to 2.0 V (was 2.5 V)
–VIL_LS max value (Hysteresis disabled) changed to 0.9 V (was 1.1 V)
–VOH_LS min value changed to 2 V (was 2.3 V)
–IDDSLOW max value is 50 mA
–IDDSTOP max value is 50 mA
–IDDA max value is 30 mA (was 15.0 mA)
–IDD4 and VDDEH4 removed—they no longer exist
I/O pad average IDDE specifications table updated
I/O pad VRC33 average IDDE specifications table updated
LVDS pad specifications table updated
–VOS min value is 0.9 V (was 1.075 V)
–VOS max value is 1.6 V (was 1.325 V)
Updates to PLLMRFM electrical specifications:
– Maximum values for XTAL load capacitance added. The maximum value varies with
frequency.
– For a 20 MHz crystal the maximum load should be 17 pF.
Temperature sensor accuracy is ±10 °C (was ±5 °C)
Table 45. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com