Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 49Page - STMicroelectronics STA108X Datasheet HTML 50Page - STMicroelectronics STA108X Datasheet HTML 51Page - STMicroelectronics STA108X Datasheet HTML 52Page - STMicroelectronics STA108X Datasheet HTML 53Page - STMicroelectronics STA108X Datasheet HTML 54Page - STMicroelectronics STA108X Datasheet HTML 55Page - STMicroelectronics STA108X Datasheet HTML 56Page - STMicroelectronics STA108X Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 127 page
background image
DS13319 Rev 2
53/127
STA108x, STA109x
Electrical Characteristics
126
4
Electrical Characteristics
4.1
Parameter Conditions
Unless otherwise specified, all voltages are referred to GND.
4.2
Minimum and Maximum Values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25°C and TA = 85°C.
The ‘Limit Values’ data is explained and identified with a letter as listed below, and reported
in the NOTE field of the following tables where applicable:
<SR>: System requirements, i.e.conditions that must be provided to ensure normal
device operation.
<P>: Data tested in production.
<C>: Data based on engineering characterization, not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and
represent the mean value plus or minus three times the standard
deviation (mean ± 3σ).
<V>: Data based on design validation performed on three sample devices, not tested in
production.
<S>: Data based on design guidelines and simulation, not tested in production.Typical
curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com