Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 27Page - STMicroelectronics STA108X Datasheet HTML 28Page - STMicroelectronics STA108X Datasheet HTML 29Page - STMicroelectronics STA108X Datasheet HTML 30Page - STMicroelectronics STA108X Datasheet HTML 31Page - STMicroelectronics STA108X Datasheet HTML 32Page - STMicroelectronics STA108X Datasheet HTML 33Page - STMicroelectronics STA108X Datasheet HTML 34Page - STMicroelectronics STA108X Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 127 page
background image
DS13319 Rev 2
31/127
STA108x, STA109x
Signal description
126
USB_KELVIN_TERM
-
L15
T
VDD_IO Test signal. Leave it unconnected.
USB_VCOD1V48
GPIO28
M19
T
VDD_IO Test signal. Not used in the application.
USB_VREG3V3_1V1
-
H13
P
Power
LDO 1.1V (USB) 3.3V supply.
USB_VREG3V3_1V8
-
J13
P
Power
LDO 1.8V (USB) 3.3V supply.
USB0_AGND
-
K17
P
Power
USB0 analog supply ground.
USB0_VDD3V3
-
L14
P
Power
USB0 3.3V supply.
USB1_AGND
-
L17
P
Power
USB1 analog supply ground.
USB1_VDD3V3
-
K13
P
Power
USB1 3.3V supply.
VDD
-
E9, E10,
F6, F9,
G5, H5,
J5, K5,
L5, M5,
N5, N6,
N10,
N11,
N12,
N13
P
Power
1.2V switchable domain digital power supply.
VDD_IO
-
E6, E7,
E8, F7,
F8, G6,
H6, J6,
K6, L6,
L13, M6,
M7, M8,
M9, M10,
M11,
M12,
M13,
M14, N7,
N8, N9
P
Power
3.3V Digital I/O supply.
VDD_IO_ON
-
E13
P
Power
3.3V always on digital power supply.
VDD_ON_VREG
-
E14
P
Power
LDO 1.2V (always on domain).
Connect it to 2.2nF capacitor.
VREG_BYPASS
-
M17
T
VDD_IO
Test signal. Connect it to GND on the
application board.
XOSC_VDD
-
M16
P
Power
To be shorted with PLL_VDD_2.5V. Only on
QFP package.
Table 11. Power signals (continued)
Name
GPIOs
Balls
DIR
Power
Domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com