Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 7Page - STMicroelectronics STA108X Datasheet HTML 8Page - STMicroelectronics STA108X Datasheet HTML 9Page - STMicroelectronics STA108X Datasheet HTML 10Page - STMicroelectronics STA108X Datasheet HTML 11Page - STMicroelectronics STA108X Datasheet HTML 12Page - STMicroelectronics STA108X Datasheet HTML 13Page - STMicroelectronics STA108X Datasheet HTML 14Page - STMicroelectronics STA108X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
DS13319 Rev 2
11/127
STA108x, STA109x
System description
126
2
System description
2.1
Processor MCU
Accordo2 processing capability relies on an ARM Cortex-R4 running up to 600 MHz,
delivering up to 1000 MIPS with very low heat dissipation requirements. The MCU has 32
KB of instruction cache and 32 KB of data cache, as well as 32 KB + 32 KB of TCM Memory
dedicated respectively to instructions and data for high throughput and low latency tasks.
2.2
Memory controller
2.2.1
Embedded memory
Accordo2 embeds 1.25 MB of 64-bits SRAM memory clocked at 200 MHz, which can be
used for data or code storage delivering 1.6 GB/s throughput.
Embedded memory can be used in conjunction with execution In Place (XIP) NOR devices
to implement cost effective solutions. The whole embedded memory is also cacheable and
can be accessed by DMA.
2.2.2
SDRAM controller
SDRAM controller supports SDRAM JEDEC interface 16-bit (STA108x) or 32-bit (STA109x)
wide, clocked at up to 166 MHz, which allows to interface automotive SDRAM memory
devices to handle high footprint applications.
Such memory is cacheable, and can be accessed by DMA.
2.2.3
SQI executable in place
The SQIO controller allows interfacing Serial Quad I/O flash memories up to 133MHz (SDR)
The main features are:
Direct flash memory access
Fast memory access through page buffer (256 bytes)
Programmable single or quad I/O flash interface
SQI memory space can be partitioned to reserve a portion of the NOR device to the Secure
CAN Subsystem.
2.2.4
Parallel memory interface
FSMC static memory controller, provides a generic 16-bit parallel interface suitable to
connect to NOR devices as well as SRAM and NAND devices. This peripheral allows
execution in-place from NOR/SRAMs, as well as DMA accesses.
NOR memory space can be partitioned so to reserve a portion of the parallel NOR device to
the Embedded Vehicle Interface subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com