Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 12Page - STMicroelectronics STA108X Datasheet HTML 13Page - STMicroelectronics STA108X Datasheet HTML 14Page - STMicroelectronics STA108X Datasheet HTML 15Page - STMicroelectronics STA108X Datasheet HTML 16Page - STMicroelectronics STA108X Datasheet HTML 17Page - STMicroelectronics STA108X Datasheet HTML 18Page - STMicroelectronics STA108X Datasheet HTML 19Page - STMicroelectronics STA108X Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 127 page
background image
System description
STA108x, STA109x
16/127
DS13319 Rev 2
A specific set of peripherals can be reserved and locked to be only accessible from
Cortex-M3, thus allowing a complete independent subsystem to be realized. In addition to
that, specific secure GPIOs as well as wake signals are reserved for such subsystem.
2.8
General purpose ADC
Accordo2 has a 10-input SAR ADC with 10-bit resolution and sampling frequency up to 2.5
MHz.
2.9
GPIOs
Accordo2 has 179 GPIOs in STA109x and 130 in STA108x (16 of which are dedicated to
Embedded Isolated Vehicle Interface subsystem). They can be independently configured
either as INPUT or OUTPUT. In order to make the system flexible, these IOs are multiplexed
on PINs with other peripherals (the alternate function scheme is provided as a separate
document).
2.10
Generic interfaces
2.10.1
4x UARTS:
Programmable baud rates up to 3 Mbps
Hardware Flow control
DMA capability.
2.10.2
3x I2C:
Master/slave modes in multi-master environment
Multiple baud rates supported: 100/400/1000/3400 Kbps
DMA capability.
2.10.3
3xSSP/SPI ports supporting:
Motorola SPI-compatible interface
Texas Instrument synchronous serial interface
National Semiconductor Microwire interface
Unidirectional interface
DMA capability.
2.11
Input capture / Output compare
5 EFT (Enhanced Function timers) implement a very flexible input capture and output
compare feature set. Each EFT block can provide 2 Input capture and 2 output PWM lines.
EFT are based on 16-bit counters with dedicated prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com