Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 15Page - STMicroelectronics STA108X Datasheet HTML 16Page - STMicroelectronics STA108X Datasheet HTML 17Page - STMicroelectronics STA108X Datasheet HTML 18Page - STMicroelectronics STA108X Datasheet HTML 19Page - STMicroelectronics STA108X Datasheet HTML 20Page - STMicroelectronics STA108X Datasheet HTML 21Page - STMicroelectronics STA108X Datasheet HTML 22Page - STMicroelectronics STA108X Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
DS13319 Rev 2
19/127
STA108x, STA109x
System description
126
–
Texture Flexible Wrap Mode (Repeat, Clamp, Mirrored_Repeat, ...)
–
Primary Colour Interpolation (Gouraud Shading), Fog Blending
–
Alpha, Depth, Stencil Tests
2.16
Display controller - Only available in STA109x
The main features of the LCD Controller are:
Supports single and dual panel monochrome STN displays with 4 or 8 bits interfaces
Supports single and dual panel color STN displays with 8 bits interfaces
Supports TFT color displays
Supports AD-TFT and HR-TFT color displays
Resolution programmable up to 1024 lines of 1024 pixels
1,2,4 or 8 bpp palettized color displays
12-bpp (4:4:4), 15+I bpp (I:5:5:5) or 16 bpp (5:6:5) true-color
24-bpp packed and non-packed true-color (non-palettized)
Programmable timing for different display panels
256 entry, 16-bit palette RAM
Frame, line and pixel clock signals generation
Color enhancement (16-bpp to 18-bpp conversion) for addressing 18-bit (RGB 666)
TFTpanels using only 16-bpp resolution
Supports little and big-endian, as well as WinCE formats
Interrupt and synchro generation event
2.17
Touch screen controller - Only available in STA109x
The Touch Screen Controller consists of a 4-wire touch-screen controller and an 8-input
ADC. It is enhanced with a movement tracking algorithm, 128 depth buffer and a
programmable active window feature.
The main features are:
Integrated 4 wire touchscreen controller
Interrupt output pin
8 analog input, 10-bit resolution ADC
128-depth buffer touchscreen controller
Programmable active window feature
Touch Screen movement detection algorithm to avoid excessive data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com