Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 14Page - STMicroelectronics STA108X Datasheet HTML 15Page - STMicroelectronics STA108X Datasheet HTML 16Page - STMicroelectronics STA108X Datasheet HTML 17Page - STMicroelectronics STA108X Datasheet HTML 18Page - STMicroelectronics STA108X Datasheet HTML 19Page - STMicroelectronics STA108X Datasheet HTML 20Page - STMicroelectronics STA108X Datasheet HTML 21Page - STMicroelectronics STA108X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 127 page
background image
System description
STA108x, STA109x
18/127
DS13319 Rev 2
2.14
Video input port (VIP) - Only available in STA109x
The Video Input Port (VIP) allows to grab images from external devices, supporting parallel
CCIR-656 interface up to 54 MHz. Both embedded synchronization and external
synchronization are supported. VIP supports both interlaced or progressive mode.
The VIP is synchronized with display controller to prevent from tearing effects, and is used
in conjunction with SGA to implement the fly YUV → RGB color conversion and bilinear
interpolated re-scaling.
2.15
Smart graphics accelerator (SGA) - Only available in
STA109x
The aim of the Smart Graphic Accelerator (SGA) is to provide an efficient 2D and 3D
primitive drawing tool that offloads the CPU, reducing MIPS and power consumption for
pixel processing.
Control and synchronization:
–
Instruction Automatic Fetch from a program file
–
Flow Control: goto/gosub/wait/interrupt instructions
–
Can synchronize itself on external hardware triggers
2D-Graphic features:
–
2D Rendering Speed: up to 208 MPixel/s
–
Pixel, Line, Filled Triangle, Filled Rectangle primitives
–
Line-Stippling, Filling Pattern
–
Flat and Gradient colour fill (in triangle & rectangles)
Video overlay features:
–
BitBlitting on Rectangle, Triangle shapes
–
Image Resizing (Bilinear Interpolation Filter or Sub/OverSampling)
–
Image Rotation (with any angle)
–
Colour Conversion (YUV-to-RGB or RGB-to-YUV, 16-235 clamping possible)
–
Transparency extraction (exact Colour Keying or Colour Cube (triple interval)
–
Colour Swap with Colour Keying
–
AlphaBlending of 3 sources to a destination, ROP boolean operations
–
Dithering operator
3D features:
–
3D Rendering Speed: up to 52 MFragment/s, impacted by memory access delays
–
FrameBuffer and DepthBuffer Cache: 256 Bytes, Fully Associative
–
Texture Cache: 2 kBytes, 4 associative ways
–
Early Z-Test (lowers texture calls)
–
16-bit Z-Buffering
–
Double Texture Blending Units
–
Texture Perspective Correction
–
Texture Nearest and Bilinear Filtering
–
Texture MipMap selection on a Per-Triangle basis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com