Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 86 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 82Page - STMicroelectronics STA108X Datasheet HTML 83Page - STMicroelectronics STA108X Datasheet HTML 84Page - STMicroelectronics STA108X Datasheet HTML 85Page - STMicroelectronics STA108X Datasheet HTML 86Page - STMicroelectronics STA108X Datasheet HTML 87Page - STMicroelectronics STA108X Datasheet HTML 88Page - STMicroelectronics STA108X Datasheet HTML 89Page - STMicroelectronics STA108X Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
86/127
DS13319 Rev 2
4.17
SDRAM Interface Timing
4.17.1
SDRAM Interface Input Timings
Table 51. SDRAM Input Timings
Figure 25. SDRAM Input Timings
4.17.2
SDRAM Interface Output Timings
Table 52. SDRAM Output Timings
Symbol
Parameter
Timing
Unit
Cload
[pF]
Min
Max
Fc
S
Clock frequency
-
166
MHz
10
tISU
S
Input setup time
0.3
-
ns
-
tIH
S
Input hold time
1.5
-
ns
-
tIH
tpp = 1/Fc
50% VDD
50% VDD
tISU
SDRAM_FBCLK
SDRAM DATA
invalid
Symbol
Parameter
Timing
Unit
Cload
[pF]
Min
Max
Fc
S
Clock frequency
166
MHz
10
tDO
S
Data output delay@166MHZ(1)
3.6
ns
10
tHO
S
Data hold time
1
ns
10
1. Internally data is launched at the negative edge of the clock. The output delay can be expressed as 1/Fc*0.55+.3. The
multiplication factor 0f 0.55 is used to represent the duty cycle variation of the clock due to IO pads. 0.3 ns is the data travel
time from the flop to the IO pad. At 112 MHz the max data output delay is 5.19 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com