Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 1 Page - STMicroelectronics

  STA108X Datasheet HTML 1Page - STMicroelectronics STA108X Datasheet HTML 2Page - STMicroelectronics STA108X Datasheet HTML 3Page - STMicroelectronics STA108X Datasheet HTML 4Page - STMicroelectronics STA108X Datasheet HTML 5Page - STMicroelectronics STA108X Datasheet HTML 6Page - STMicroelectronics STA108X Datasheet HTML 7Page - STMicroelectronics STA108X Datasheet HTML 8Page - STMicroelectronics STA108X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
This is information on a product in full production.
April 2021
DS13319 Rev 2
1/127
STA108x, STA109x
Accordo2 family – Automotive dual core processor for car radio and
display audio application
Datasheet
- production data
Features
 AEC-Q100 qualified
Core and infrastructure
 ARM Cortex-R4 MCU running at up to
600 MHz
 MCU memory organization
– L1 Cache: 32K instruction, 32K data
– 32 KB ITCM + 32 KB DTCM
– 1.25 MB embedded SRAM
– STA109x SDRAM controller: 16/32-bit data
up to 166 MHz
– STA108x SDRAM controller: 16-bit data up
to 166 MHz
– Serial QIO NOR interface executable in
place
– 16-bit parallel NAND/NOR controller
 32-bit watchdog timer
 16-channel DMA
 8x 32-bit free running times/counters
 5x 16-bit extended function timer (EFT) with
input capture/output compare and PWM
 Real time clock (RTC) with fraction readout
Audio Subsystem
 Sound processing DSPs (450MIPS)
 1x 6 stereo channels hardware Sample Rate
Converter
 6x audio DAC with 103 dB SNR A-Weighted
 9x Rx / 8x Tx audio interfaces (I2S/
multichannel ports)
 1x single ended stereo ADC for AUX IN/Tuner
with internal switching logic; 98 dB SNR
A-Weighted
 1x differential Mono ADC for Voice/Tel-IN with
internal switching logic; 105 dB SNR
Media Interfaces
 2x Secure-Digital Multimedia Memory Card
Interface (SD3.0/MMC4.4/SDIO)
 2x USB 2.0 (1x Host and 1x Dual Role) with
integrated PHY and support of the charging
function
 SPDIF with CDROM block decoder support
Display Subsystem
 STA109x
– TFT controller up to 1024x1024, 18bpp
– Resistive Touch Screen Controller
– Video Input Port, ITU-601/656
– Graphics acceleration
 STA108x
– not present
Embedded Isolated Vehicle Interface
 Dedicated Cortex-M3 core
 256KB isolated embedded memory
 Secured NOR interface
LFBGA361
(16x16x1.7, 0.8mm pitch)
GAPGPS00902
www.st.com


Similar Part No. - STA108X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1080 STMICROELECTRONICS-STA1080 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
STA1085 STMICROELECTRONICS-STA1085 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
STA1088 STMICROELECTRONICS-STA1088 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
More results

Similar Description - STA108X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
26-Jun-2007
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
STA1080 STMICROELECTRONICS-STA1080 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com