Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 6Page - STMicroelectronics STA108X Datasheet HTML 7Page - STMicroelectronics STA108X Datasheet HTML 8Page - STMicroelectronics STA108X Datasheet HTML 9Page - STMicroelectronics STA108X Datasheet HTML 10Page - STMicroelectronics STA108X Datasheet HTML 11Page - STMicroelectronics STA108X Datasheet HTML 12Page - STMicroelectronics STA108X Datasheet HTML 13Page - STMicroelectronics STA108X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
Description
STA108x, STA109x
10/127
DS13319 Rev 2
1
Description
Accordo2 is a device that provides a cost effective microprocessor solution for modern
automotive car radio systems, with an embedded powerful Digital Sound Processing
subsystem, as well as a MIPS efficient ARM Cortex-R4 processor.
In addition, an ARM Cortex-M3 controller is dedicated for real-time Vehicle Interface
Processing.
In terms of peripherals, Accordo2 comes with an exhaustive set of common interfaces
(UART/I2S/I2C/USB/MMC) which make the device optimal for implementing a feature reach
system as well as a cost effective solution.
The solution is bundled with a complete software package, which allows a very fast system
implementation.
Accordo2 manages the entire audio chain from analog or digital inputs to analog or digital
outputs, including digital audio media decoding, sample rate conversion among various
sources, intelligent routing and audio effects / DSP post processing. With its flexible memory
configuration, it allows implementing from very low cost systems based on real time OS,
scaling up to demanding applications based on Linux OS.
Figure 1. Block diagram
SDRAM
NAND
SD/SDIO
ADC
Video dec.
ADV7182
ADC
D
A
C
Vehicle IF
processor
USB Key
iPOD
Smartphone
Aux IN
Mic IN
CD module
AM / FM
tuner
Audio dec. & playback
iPOD control library
DSP / sound effects
media library
BT stacks
ECNR
Accordo2 / STA1095
SPDIF
/ I2S
I2C
USB HS
dual role
iAP2 ready
I2S
TSC
RGB
UART
LCD
CAN
Camera
Front panel
Bluetooth HCI
RF
4 channels
amplifier
GAPGPS02785



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com