Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 16Page - STMicroelectronics STA108X Datasheet HTML 17Page - STMicroelectronics STA108X Datasheet HTML 18Page - STMicroelectronics STA108X Datasheet HTML 19Page - STMicroelectronics STA108X Datasheet HTML 20Page - STMicroelectronics STA108X Datasheet HTML 21Page - STMicroelectronics STA108X Datasheet HTML 22Page - STMicroelectronics STA108X Datasheet HTML 23Page - STMicroelectronics STA108X Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
Signal description
STA108x, STA109x
20/127
DS13319 Rev 2
3
Signal description
3.1
Functional signal list
3.1.1
System and power management
Table 3. System and power management
Name
GPIOs
Balls
DIR
Power domain
Description
CLKOUT0
M3_GPIO13
A12
O
VDD_IO
Programmable clock output 0.
CLKOUT1
GPIO49
F5
O
VDD_IO
Programmable clock output 1.
DEBUGCFG
M3_GPIO13
A12
I
VDD_IO
DBGCFG. This pin is latched on the rising
edge of POR reset to define the target
connected by default to the JTAG .
0b: Cortex-M3
1b: Cortex-R4
After reset this pin can be used as GPIO.
JTAGSEL
-
E11
T
VDD_IO
Test Signal. It selects whether the JTAG is
used for ATE test or as debug port. Connect
it to GND in the application (debug port).
M3_CLK32KOUT
-
D13
O
VDD_IO_AON
Output 32 kHz clock.
M3_IGNKEY
-
A15
I
VDD_IO_AON
PMU Ignition Key signal.
Used by PMU to change the state of the
system.
M3_LVI
-
B14
I
VDD_IO_AON
PMU Low Voltage Indication.
Used by PMU to change the state of the
system (Normal, Standby).
M3_ONOFF
-
A13
I
VDD_IO_AON
PMU ON/OFF.
Connect it to the On/off Car Radio push
button.
M3_PWREN
-
B15
O
VDD_IO_AON
PMU Power Enable.
Used by the PMU to enable external voltage
regulator, when moving out of Standby state.
M3_SXTALI
-
C14
I
VDD_IO_AON
Crystal input. 32 kHz RTC clock.
M3_SXTALO
-
D14
O
VDD_IO_AON
Crystal output.
M3_VDDOK
-
A14
I
VDD_IO_AON
PMU VDDOK.
This signal is used by the PMU to detect if
the external power is valid. The PMU moves
to Normal state if VDDOK=1.
MXTALI
-
N19
I
VDD_IO
Crystal input. 24/26MHz crystal.
MXTALO
-
N18
O
VDD_IO
Crystal output.
OTP_FUSE_HV
-
A1
P
Power
OTP programming voltage.
Leave it floating in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com