Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 70 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 66Page - STMicroelectronics STA108X Datasheet HTML 67Page - STMicroelectronics STA108X Datasheet HTML 68Page - STMicroelectronics STA108X Datasheet HTML 69Page - STMicroelectronics STA108X Datasheet HTML 70Page - STMicroelectronics STA108X Datasheet HTML 71Page - STMicroelectronics STA108X Datasheet HTML 72Page - STMicroelectronics STA108X Datasheet HTML 73Page - STMicroelectronics STA108X Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
70/127
DS13319 Rev 2
4.11.2
VDD Low Voltage Detector
4.11.3
VDDIO_IO_ON Main Voltage Detector
4.11.4
PLL LDO (3V3 TO 2V5 Low Power Regulator)
Table 34. Digital Supply LVD
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
Vuthres
P
Upper voltage threshold (Value @ 27C,
0σ), σ: 5mV
1.07
-
1.09
V
Vlthres
P
Lower voltage threshold (Value @ 27C,
0σ), σ: 5mV
1.01
-
1.02
V
Vhyst
S
Hysteresis
-
60
-
mV
Table 35. VDDIO_IO_ON supply LVD
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
Vuthres
P
Upper voltage threshold (Value @ 27C ,
0σ), σ: 12mV
2.78
-
2.92
V
Vlthres
P
Lower voltage threshold (Value @ 27C ,
0σ), σ: 12mV
2.69
-
2.83
V
Vhyst
S
Hysteresis
-
90
-
mV
Table 36. 3V3 TO 2V5 Regulator
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
VASupply
SR
Analog Supply
3.0
3.3
3.6
V
Vout
P
Output Voltage @ Iload = max
2.375
2.5
2.63
V
Cload
SR
Total off chip capacitance values(1)
-4.7
-
µF
ESR of each external capacitor in
frequency range of 100 kHz -
100 MHz
10
-
150
mΩ
PSRR_DC
S
Power supply rejection at DC @
NO load
--
-23
dB
PSRR
S
Power supply rejection at 2MHZ @
NO load
--
-12
dB
Tstart
S
Start up time from power down to
active after input supply stabilizes
(Supply rise time of 1µs)
--
300
µs
1. This is mandatory for proper device functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com