Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 25Page - STMicroelectronics STA108X Datasheet HTML 26Page - STMicroelectronics STA108X Datasheet HTML 27Page - STMicroelectronics STA108X Datasheet HTML 28Page - STMicroelectronics STA108X Datasheet HTML 29Page - STMicroelectronics STA108X Datasheet HTML 30Page - STMicroelectronics STA108X Datasheet HTML 31Page - STMicroelectronics STA108X Datasheet HTML 32Page - STMicroelectronics STA108X Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
DS13319 Rev 2
29/127
STA108x, STA109x
Signal description
126
3.1.8
USB Host and Dual Role
3.1.9
Power
Table 10. USB Signals
Name
GPIOs
Balls
DIR Power Domain
Description
USB_BGEXT
-
K14
T
VDD_IO
Test signal. Leave it unconnected.
USB_REXT
-
M18
P
USBx_VDD3V3 Connect to GND with a 3 kOhm 1% resistor.
USB0_DN
-
L18
I/O USB0_VDD3V3 USB0. Differential line D-.
USB0_DP
-
L19
I/O USB0_VDD3V3 USB0. Differential line D+.
USB1_DN
-
K18
I/O USB1_VDD3V3 USB1. Differential line D-.
USB1_DP
-
K19
I/O USB1_VDD3V3 USB1. Differential line D+.
USB1_DRVVBUS
GPIO26
M3_GPIO12
N16
C11
O
VDD_IO
It can be used to enable the VBUS when
USB1 is in host mode
Table 11. Power signals
Name
GPIOs
Balls
DIR
Power
Domain
Description
ADC0_1_AGND
-
J14
P
Power
ADC0 and ADC1 analog 3.3V supply ground.
ADC0_1_AVDD
-
H14
P
Power
ADC0 and ADC1 analog 3.3V supply.
ADC0_1_VCM
-
J17
P
Power
ADC0, ADC1 common voltage.
Connect 10nF and 10uF capacitors
connected to GND.
ADC0_1_VRFN
-
J16
P
Power
ADC0 and ADC1 Vref negative.
Connect it to GND.
ADC0_1_VRFP
-
J15
P
Power
ADC0 and ADC1 Vref positive.
Connect 10nF and 10uF capacitors connected
to GND.
ADC2_AGND
-
F13
P
Power
ADC2 (SAR) analog 3.3V supply ground.
ADC2_AVDD
-
G13
P
Power
ADC2 (SAR) analog 3.3V supply.
ADC2_VREFN
-
E12
P
Power
ADC2 (SAR) Vref negative.
Connect it to GND.
ADC2_VREFP
-
F15
P
Power
ADC2 Vref positive.
Connect it to 3.3V.
COMP0
-
L16
P
Power
Compensation cell input.
Connect to external 121Kohm res. 1% to
GND.
DAC_AGND
-
F14
P
Power
DAC analog supply ground.
DAC_AVDD
-
G15
P
Power
DAC analog 3.3V supply.
DAC_I/O_AGND
-
G14
P
Power
DAC0, DAC1, DAC2 I/O analog 3.3V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com