Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 26Page - STMicroelectronics STA108X Datasheet HTML 27Page - STMicroelectronics STA108X Datasheet HTML 28Page - STMicroelectronics STA108X Datasheet HTML 29Page - STMicroelectronics STA108X Datasheet HTML 30Page - STMicroelectronics STA108X Datasheet HTML 31Page - STMicroelectronics STA108X Datasheet HTML 32Page - STMicroelectronics STA108X Datasheet HTML 33Page - STMicroelectronics STA108X Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
Signal description
STA108x, STA109x
30/127
DS13319 Rev 2
DAC_I/O_AVDD
-
H15
P
Power
DAC0, DAC1, DAC2 I/O analog 3.3V supply
ground.
DAC_VCOM
-
D17
P
Power
DAC0, DAC1, DAC2 common voltage.
Connect 10nF and 10uF capacitors
connected to DAC_AGND.
DAC_VHI
-
B17
P
Power
DAC0, DAC1, DAC2 analog positive
reference.
Connect 10nF and 10uF capacitors to
DAC_AGND.
DAC_VLO
-
C17
P
Power
DAC0, DAC1, DAC2 analog negative
reference.
Connect it to DAC_AGND.
GND
-
A19,
F11,
F12, G7,
G8, G9,
G10,
G11,
G12, H7,
H8, H9,
H10,
H11,
H12, J7,
J8, J9,
J10, J11,
J12, K7,
K8, K9,
K10,
K11,
K12, L7,
L8, L9,
L10, L11,
L12,
W1,W19
PPower
GND
PLL_GND
-
M15
P
Power
Analog ground for PLL.
OSC32K_GND
-
F10
P
Power
Analog ground for 32K oscillator.
MIC_BIAS
-
E15
O
VDD_IO Bias voltage for Microphone. 2.5V +/- 5%.
PLL_VDD2.5V
-
M16
P
Power
2.5V LDO (PLL) output voltage.
Connect it to a 4.7uF capacitor to GND.
PLL_VREG3.3V
-
N15
P
Power
LDO 2.5V (PLL) 3.3V supply. Connect it to
VDDIO.
USB_1.1VREG
-
K16
P
Power
LDO 1.1V (USB) output.
Connect it to 4.7 uF capacitor to GND.
USB_1.8VREG
-
K15
P
Power
LDO 1.8V (USB) output.
Connect it to 4.7 uF capacitor to GND.
USB_KELVIN_TERM
-
L15
T
VDD_IO Test signal. Leave it unconnected.
Table 11. Power signals (continued)
Name
GPIOs
Balls
DIR
Power
Domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com