Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA108X Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 8Page - STMicroelectronics STA108X Datasheet HTML 9Page - STMicroelectronics STA108X Datasheet HTML 10Page - STMicroelectronics STA108X Datasheet HTML 11Page - STMicroelectronics STA108X Datasheet HTML 12Page - STMicroelectronics STA108X Datasheet HTML 13Page - STMicroelectronics STA108X Datasheet HTML 14Page - STMicroelectronics STA108X Datasheet HTML 15Page - STMicroelectronics STA108X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
System description
STA108x, STA109x
12/127
DS13319 Rev 2
2.3
USB
Accordo2 has one USB HS host interface and one Dual role USB HS, both with embedded
PHY, allowing to efficiently connect to mass storage devices, as well as portable devices
(phones, pads). Along with USB connectivity, Accordo2 fully supports USB charger
specification. The controller supports HS 480-Mbps using an EHCI Host Controller, as well
as FS and LS modes through an integrated OHCI interface.
2.4
Sound subsystem
Accordo2 implements a sound subsystem which allows to efficiently handle sound
processing tasks, such as spatialization and equalizer, without loading the main CPU with
interrupt intensive tasks.
Figure 2. Example of sound use case
BT
OUT
IN
IN
AMP
Media audio domain
domain
DSP audio
effects
SRC
4
IN
IN
MIC IN
AUX IN
Tuner domain
CD domain
TUNER
Optional
CD
TEL IN
ECNR
CTX-R4
MSP0 TX
MSP0 RX
24bit
DAC2
SAI3 TX2
Rear L/R
24bit
DAC1
SAI3 TX1
Front L/R
24bit
DAC0
SAI3 TX0
Sub/Spat
24bit
ADC
18bit
ADC
RX0
SAI3
SRC3
SRC1
SRC0
SAI4 TX
MSP1 RX
SAI4 RX
MSP1 TX
RX
MSP2
TX
MSP2
RX
SPDIF
SAI2 RX
I2S
8 kHz BT domain
48 kHz sound processing
SAI1 RX/TX
GAPGPS02786



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com