Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 2Page - STMicroelectronics PM8805 Datasheet HTML 3Page - STMicroelectronics PM8805 Datasheet HTML 4Page - STMicroelectronics PM8805 Datasheet HTML 5Page - STMicroelectronics PM8805 Datasheet HTML 6Page - STMicroelectronics PM8805 Datasheet HTML 7Page - STMicroelectronics PM8805 Datasheet HTML 8Page - STMicroelectronics PM8805 Datasheet HTML 9Page - STMicroelectronics PM8805 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Pin description and connection diagram
PM8805
6/45
DS12813 Rev 1
2
Pin description and connection diagram
Figure 3. Pin connections (top view)
Table 2. Pin description
Pin#
Name
Function
1, 40, 41
IN78
Input for the signals connected to "Spare" pairs. This signal along
with IN45 signals is used to feed the 2nd internal bridge.
2VB
Internal reference voltage 5V up to 10mA; filter this pin with a
ceramic capacitor of 100nF typ. connected to AGND.
This voltage can be used to bias the I/O pins of PM8805, if needed.
3
STBY
A high level applied to this pin activates an internal 10 / 18mA
current source to implement the MPS feature.
Duty cycle is Long (.af /.at) or Short (.bt) depending on the detected
PSE: Type 2, or Type 3 and 4.
Use a resistor voltage divider to AGND to connect this 5V voltage
rating pin: typical value for the threshold is 1.25V.
If higher than 0.5V during first classification finger, Autoclass feature
is enabled.
Connect this pin to AGND if not used.
4
CLS1
Classification resistor pin for first and second Class Events.
Connect a 0805 classification programming resistor from this pin to
AGND.
The external resistor is activated with a 3.3ms typ. delay with
respect to the classification event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com