Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
DS12813 Rev 1
25/45
PM8805
PM8805 overview
45
Equation 2
The charging time may be estimated with the formula:
Equation 3
As an example, assuming a 33 uF output capacitor and 54 V input voltage, the Inrush time is
around 24.5 ms.
When the voltage across the hot swap MOSFET is completely closed (VOB-0.5 V) and its
gate voltage is higher than 5 V above VOB, all the electrical conditions are set in order to
assert the PGD signal (PGD = Hi-Z, open drain, active high) which may serve to enable an
external DC/DC converter.
Actually, when powered by PoE a PGD_Delay timer (85 ms typ.) is activated between UVLO
and PGD assertion, to ensure the PSE inrush phase is completed before increasing the PD
current consumption, as required by the IEEE802.3 standard.
This is just a minimum time, valid if the charge of the output capacitor is faster than
PGD_Delay.
It can be calculated indeed that a 110 uF capacitor takes about 84 ms to charge to 54 V; this
means that 100 uF is the maximum commercial value for the output capacitance, that
causes a standard delay time for PGD assertion. Larger capacitors would need more time to
charge, further delaying the PGD, and the consequent DC/DC startup.
The inrush phase may be initiated also when the FAUX pin is asserted: in that case, the
control logic asserts the PGD signal as soon as the hot swap MOSFET is closed, without
waiting for PGD_delay. See Section 4.11 for more details on using FAUX.
The PGD signal is the only signal exchanged with the load (e.g. DC/DC converter or LED
driver) supplied with the voltage coming from the PM8805.
PGD is an open drain signal, 100 V rated, active high; it can be pulled up to the VOUT
voltage, but must be verified if the load circuitry can accept such voltage at its input: in some
cases a Zener diode is required to clamp the max. voltage at the converter side.
Alternatively, PGD can be pulled up to a voltage coming from the load, for example the
internal start-up voltage of the DC/DC converter, typically in the range of 8-12 V.
The UVLO threshold is provided with an internal delay (100 uS typ.) that as a secondary
effect reduces the value of the protection tripping depending on the applied load; the
threshold is lower for higher power PDs.
A high value output capacitor allows to mitigate this effect: for instance, assuming a load of
71 W with the minimum UVLO specified at 30 V, using a 47 uF output capacitor the 100 us
delay introduces an additional drop of about 5 V (71 W/30 V x 100 us /47 uF) and the real
UVLO threshold is 25 V.
Iinrush = (25mA-Iload_inrush) + 3500[mA·V] / VOB
Tinrush - Cout VOB
Inrush
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com