Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
DS12813 Rev 1
29/45
PM8805
PM8805 overview
45
For these reasons, high power systems may prefer using the Rear auxiliary connection as
shown in Figure 9, which also has the feature of taking priority over PoE regardless of the
order of connection and the voltage applied.
The simplified application schematics in Figure 9 shows an auxiliary source connected after
the internal hot swap MOSFET. This connection, together with the resistor divider on the
RAUX, ensures priority of the external source with respect to the PoE. Indeed, if the voltage
of this pin is above RAUX_thr (1.25 V typ.), the internal hot swap MOSFET is opened while
PGD is asserted. See Table 12 for more details on rear aux operation.
The minimum operative voltage for a rear aux operation is 9 V - which allows the use of 12
V +/-10% adapters - even though for high power systems it is recommended using high-
voltage power adapters, e.g. 48 V, to facilitate the operation of DC/DC converter and to
avoid voltage transients higher than VDS_fail (14 V typ.) across the hot swap MOSFET in
the switchover between PoE and auxiliary source.
Depending on the value of the auxiliary source, the resistor divider on RAUX must be sized
taking into account the following:
– RAUX_thr in order to provide the PGD to the system when the auxiliary voltage is
good enough for a stable operation;
– The AMR of RAUX pin (6 V), which never has to be reached at the maximum auxiliary
voltage;
– The RAUX command pin internally presents a 400 kΩ typ. equivalent resistance to
AGND (RAUX_res) which causes a typical sink current of about 3 uA at the threshold
value of 1.25 V;
– For very low RAUX voltage (12 V or lower) that still falls in the PoE detection range it
is suggested to replace the resistor divider with a resistor (up) and Zener (down)
network.
Following the above guidelines, the transition between PoE power and rear aux is typically
smooth, with PGD staying asserted during the switchover.
The removal of the auxiliary source is typically followed by a system reboot instead, since
the PD consumption is below the MPS limits, and the PSE typically disconnects the port
while the aux source is connected. In order to keep the connection with the PSE active, it is
possible to enable the MPS circuitry while a rear aux connection is operating. See
Section 4.14 for more details.
If RAUX or FAUX pin are asserted during classification, the class buffers are turned off and
the Class Event counter is reset. If FAUX or RAUX are asserted after UVLO, the counter
register is stored, in order to provide the classification results after the auxiliary source
removal. Regardless of the classification, when FAUX or RAUX are asserted, the T0, T1, T2
are set as described in Table 13.
When plugging the DC jack of a rear auxiliary source, it is recommended to limit dV/dt
values on VOUT (i.e > 20 V/us), which may cause large current surges. In case the dV/dt
cannot be limited, a fast switching diode must be added between VOUT and VCP as a
protection for the PM8805.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com