Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 6Page - STMicroelectronics PM8805 Datasheet HTML 7Page - STMicroelectronics PM8805 Datasheet HTML 8Page - STMicroelectronics PM8805 Datasheet HTML 9Page - STMicroelectronics PM8805 Datasheet HTML 10Page - STMicroelectronics PM8805 Datasheet HTML 11Page - STMicroelectronics PM8805 Datasheet HTML 12Page - STMicroelectronics PM8805 Datasheet HTML 13Page - STMicroelectronics PM8805 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Electrical specifications
PM8805
10/45
DS12813 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
Table 3. Absolute maximum ratings(1)
1. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
Parameter
Value
Unit
V(BR)DSS
100
V
VOB, VDD to AGND (2)
2. VDD must be connected to VOB. GND12, GND36, GND45, GND78 must be connected to AGND.
-0.3 to 85
V
VCP to VOB
-0.3 to 10
V
VCP to AGND
-0.3 to 95
V
IN12, IN36, IN45, IN78 to AGND
-0.7 to 85
V
IN12, IN36, IN45, IN78 to VOB
-85 to 0.7
V
IN12, IN36, IN45, IN78 max. input continuous current
2.0
A
GND12, GND36, GND45, GND78 to AGND(2)
-0.3 to 0.3
V
VOUT to AGND
-0.3 to 85
V
VOUT to VOB
-85 to 0.7
V
Max. VOUT output continuous current
3.0
A
CTRL to AGND
-0.3 to 95
V
CTRL to VOB
-85 to 10
V
CTRL to VCP
-95 to 0.3
V
VB to AGND
-0.3 to 6
V
VB to VOB
-85 to 0.3
V
Max VB output current
10
mA
DET, PGD to AGND
-0.3 to 85
V
DET, PGD to VOB
-85 to 0.3
V
PGD to VOUT
-85 to 0.3
V
CLS1, CLS2 to AGND
-0.3 to 3.6
V
FAUX, RAUX, STBY to AGND
-0.3 to 6
V
T0, T1, T2 to AGND
-0.3 to 6
V
T0, T1, T2 to VB
-6 to 0.3
V
ESD HBM
2
kV
ESD CDM
500
V
Maximum operating junction temperature (3)
-40 to 150
°C
Storage temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com