Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics PM8805 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
PM8805 overview
PM8805
30/45
DS12813 Rev 1
Figure 9. Simplified rear aux connections
4.11
Operation modes and STBY, FAUX, RAUX command signals
In the PM8805, 3 command signals are available which may be combined to obtain 7
different operation modes, as synthetically described in Table 10. The table describes the
behavior of the PGD signal, the hot swap MOSFET, the charge pump, the active bridge and
the MPS circuitry depending on the configuration on the inputs.
In order to set a "1" signal on the inputs, it is needed to drive the voltage of those pins above
their threshold (1.25 V typ.). Below that threshold the configuration cannot be detected, and
the system behaves as if it has a "0" input, which is the default PoE standard configuration.
Depending on the value of the voltage source used as pull-up for STBY, FAUX, RAUX, the
resistor divider must be sized taking into account the voltage on the command pins above
their thresholds but still below their AMR (6 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com