Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics PM8805 Datasheet HTML 34Page - STMicroelectronics PM8805 Datasheet HTML 35Page - STMicroelectronics PM8805 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
PM8805 overview
PM8805
32/45
DS12813 Rev 1
is capable of providing all the power it needs. It is also assumed that an auxiliary source is
always capable of providing the requested power.
See Table 12 for the minimum information needed for confirming the requested class for
each PD class.
T2 indication is directly related to the number of powered pairs, providing a low level output
only when both the active bridges are on. When an auxiliary connection is present, T2 is set
to 1, since both front and rear Aux connections typically bypass the active bridges.
4.13
Standby and MPS
When a PoE PD system goes into standby its power consumption may be very low and for
this reason it may be disconnected by the PSE.
To avoid PD disconnection the PM8805 features a Maintain Power Signature (MPS) current
control.
Asserting the STBY pin, the device starts drawing a current whose profile is determined by
the detected PSE Power Type, the length of the first Class Event and the number of active
pairs when entering STBY mode.
Table 11. PM8805 type signals description table
Identification
T0
T1
T2
Bridges
Class events
Notes
Type 1 (13W)
1
1
1
1
0 or 1
Legacy PD type
Type 2 (25.5W)
0
1
1
1
2, 3
Legacy PD type
Type 3 (51W)
1
0
0
2
4
New PD type
Type 4 (71W)
0
0
0
2
≥ 5
New PD type
Type3 on 4-pair (13W), or
Legacy 4-pair (Type 1
class)
1
1
0
2
0 or 1
New PD type
Type3 on 4-pair (25.5W),
or Legacy 4-pair (Type 2
class)
0
1
0
2
2, 3
New PD type
Rear AUX
00
1
any
NA
AUX present
Front AUX
0
Table 12. Minimum information needed for confirming requested class
PD requested class
Requested class confirmation
Class 0-3
Always
Class 4
(T0 or T1)=0
Class 5-6
T1=0
Class 7-8
T0 or T1)=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com