Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 15Page - STMicroelectronics PM8805 Datasheet HTML 16Page - STMicroelectronics PM8805 Datasheet HTML 17Page - STMicroelectronics PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
DS12813 Rev 1
19/45
PM8805
PM8805 overview
45
The new 4-pair PoE standard defines two extra PD and PSE types. Type3 identifies a PSE
delivering up to 60 W, and Type4 a PSE up to 99.9 W over 4-pair. The same types are
defined for single-signature PDs, where the allocated power depends on the assigned class,
which is the result of the Multiple-Event Classification, summarized in Table 7.
The assigned class may be different from the requested class for two reasons: the PSE
Type is lower than the PD Type, or the PSE doesn't have enough power to allocate the PD
request.
Anyway, if the PSE cannot afford the PD full power, it only issues a number of Class Events
compatible with the maximum available power, and the PD has to comply with that.
To do that, the PM8805 provides the system with the indication of the number of Class
Events detected through the T0, T1, T2 outputs. See Section 4.12 for more details.
The PM8805 is capable of covering all Single-Signature PD Types and Classes. As a
Type1-2 PD, the PM8805 presents a class 0-4 current within the classification range of 14.5
V to 20.5 V using the CLS1 pin during the first two Class Events. From the 3rd Class Event
onwards, the CLS2 pin is activated, so it is possible to set the new classes defined for Type
3 and 4 PDs.
The detailed behavior of the controller during classification is depicted in Figure 5:
Above the mark range, with voltage rising above Von_class for the first time, the CLS1
buffer is turned on with a Td_cls delay (3.3 ms typ). Then a Tcls_typ3 timer (81 ms typ)
starts, in order to detect the length of the first Class Event. The CLS1 buffer stays on until
the input voltage falls below the mark threshold Vmark_th or rises above Voff_class.
When the voltage falls to mark range, the internal timer is stopped and stored, and a Class
Event counter is increased. If the Tcls_typ3 time has expired, the first long Class Event is
acknowledged, identifying that PSE is Type3 or Type4, thus allowing the PM8805 to set the
MPS timings accordingly. See 4.13 for more details on MPS.
When the input voltage re-enters the class range after staying into mark, the CLS1 behavior
is the same as before, while the timer is not used anymore.
After the third transition into the mark range, entering into class, the CLS2 buffer is turned
on instead of CLS1, as always after Td_cls.
The behavior in the following Mark and Class Events is always the same as the third one,
regardless of the number of pulses provided by the PSE.
Both CLS1 and CLS2 are turned off if the input voltage exceeds Voff_Class (23 V typ.).
The Classification ends when the PD voltage rises above Vuvlo_rising, or falls below the
reset threshold (Vrst_cls). In the first case the number of Class Events stored in the counter
determines the values of the T0, T1, T2 outputs, as described in Table 13 PM8805 Type
Signals description table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com