Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics PM8805 Datasheet HTML 34Page - STMicroelectronics PM8805 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
DS12813 Rev 1
31/45
PM8805
PM8805 overview
45
4.12
Type T0, T1, T2 output signals
With 3 signals, T0, T1 and T2, 8 different Types of PSE-PD systems are advertised to the
PD system:
– Type 1 and 2 as currently specified in the IEE802.3-2012 standard;
– Type 3 and 4 are the new types introduced with the new IEEE802.3bt 4PPoE
standard;
– Legacy 4-pair are PSEs which perform Type1 or Type2 classification, then power up
the PD over 4-pairs. They may also be new Type3 PSEs limited to Type1 or Type2
power levels. To properly detect 4-pair legacy applications PM8805 embeds a 4P
detection circuit which monitors how many bridges are powered.
– Auxiliary power source such as wall adapter.
All the output configurations are described in Table 11, and are activated when the VDD
voltage exceeds Vuvlo_rising, or an auxiliary source configuration is detected.
The 3 signals are open drain, with 6 V rating, and in most of the cases can be pulled up to
VB reference voltage with a resistor in the range of 47 k to 100 kOhms.
Depending on the information needed by the system, it is possible to combine the outputs in
order to minimize the number of signals transmitted. This is especially worthwhile in isolated
application, where expensive optocouplers are needed to pass the information between
primary and secondary side.
As an example, if a Type3 51 W PD just needs to know if the PSE allocated class matches
with its requested class, it may just monitor T1. If T1 is set to 0, the PD knows that the PSE
Table 10. PM8805 control signals description table
Input signals
Output signals
Standard operations
FAUX
RAUX
STBY
PGD
Hot swap
Charge
pump
Active
bridge
MPS
Normal POE operation
0
0
0
1 after
85ms hot
swap
enabled
Closes @
UVLO
On @
UVLO
Enabled
Off
Standby PoE operation
0
0
1
1 when
hot swap
closed
Closes @
UVLO
Off
LS enabled
HS OFF
On
Front Aux operation
1
0
x
1 when
hot swap
closed
Closed
On
Enabled
Off
Rear Aux operation
0
1
0
1
Open
Off
Off
Off
Additional operations
Sleep mode/
Wake Up
1
1
1
0
Open
Off
LS enabled
HS OFF
On
Rear Aux with MPS
0
1
1
1
Open
Off
LS enabled
HS OFF
On
Latched shutdown
1
1
0
0
Open
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com