Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics PM8805 Datasheet HTML 34Page - STMicroelectronics PM8805 Datasheet HTML 35Page - STMicroelectronics PM8805 Datasheet HTML 36Page - STMicroelectronics PM8805 Datasheet HTML 37Page - STMicroelectronics PM8805 Datasheet HTML 38Page - STMicroelectronics PM8805 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
DS12813 Rev 1
35/45
PM8805
PM8805 overview
45
If the auxiliary source voltage is higher than the PoE voltage (for example, PoE at 42 V and
Aux at 48 V), even if rear aux with MPS mode is selected, the PoE to rear aux transition
implies the loss of the link with the PSE, basically because the MPS current is drawn from
the auxiliary (through the body diode of the hot swap MOSFET) instead of the PSE (through
the input bridges).
Latched shutdown
Pulling both FAUX and RAUX input pins high at the same time, the PM8805 goes into a
Latched Shutdown condition as described in Table 12, with a filter of 3.3 ms before
command actuation.
In this condition, the PM8805 goes into a very low consumption mode where the hot swap
MOSFET is opened with the PGD de-asserted, the MPS current is turned off, and the active
bridges are also off. The overall current consumption stays below Idd_off (2 mA max.), so a
PSE monitoring DC MPS removes and recycle power.
Note that while Type1 and Type2 PSEs may monitor AC MPS, DC MPS or both, Type3 and
Type 4 PSEs are required to monitor only DC MPS, so power recycle is always assured
when the PD is powered by Type3 and Type 4 PSEs.
After power recycle the system reboots completely, performing a new PoE Detection,
Classification and Power On.
Sleep / Wake up
Pulling RAUX, FAUX, STBY pins high together, after a 3.3 ms filter delay, the PM8805
toggles between SLEEP and WAKE UP modes.
The sleep mode, as described in Table 12, puts the PM8805 hot swap MOSFET in off
mode, the PGD signal goes low, while the MPS circuitry is turned on. So, the PD is able to
maintain active the connection with the PSE even if the system is turned off and the overall
current consumption is much lower than 10 mA.
While the system is in sleep mode, if the same input pins are pulled high again for more than
3.3 ms, the hot swap MOSFET is closed raising the output voltage, then the PGD signal is
asserted in order to re-boot the system afterwards.
This operational mode allows the system to go into a deep sleep mode while the PoE line is
maintained active and therefore with a WAKE UP the PD system starts sooner than waiting
for new Detection and Classification cycles.
The main difference with the standby mode is the absence of output voltage, which may be
needed in some cases to further minimize the current consumption of the PD system in this
operational mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com