Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics PM8805 Datasheet HTML 34Page - STMicroelectronics PM8805 Datasheet HTML 35Page - STMicroelectronics PM8805 Datasheet HTML 36Page - STMicroelectronics PM8805 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DS12813 Rev 1
33/45
PM8805
PM8805 overview
45
If the length of the first classification finger is less than Tcls_typ3 (81 ms) the MPS current
profile has a 27% duty cycle pulse with a period of Toff_mps27 + Ton_mps27 (305 ms typ.).
This is the standard behavior when the PD is connected to Type1 or Type2 PSEs.
Type 3 and Type4 PSEs instead generate a long first Class Event, (longer than Tcls_typ3).
In that case the PM8805 sets the MPS duty cycle to 3%, with a period of
Ton_mps3+Toff_mps3 (285 ms typ.) allowing to minimize standby power consumption.
If a 4-pair PSE is detected, the MPS current pulse is set to Imps4P (20 mA typ.) instead of
Imps2P (11.5 mA typ.) and is shared by the two sets of pairs.
The PM8805 standby mode does not just activate MPS current, but also configures the
device in order to minimize the quiescent current consumption, and to avoid the MPS
current pulses to be drawn by the capacitance connected to VOUT.
For this purpose, the high sides of the bridges are turned off, as well as the charge pump,
and the hot swap MOSFET is operated in linear mode, close to saturation. This
implementation introduces a drop voltage across the hot swap MOSFET of about 4 V,
causing the MPS current of MPS to be drawn from the PSE instead of the DC/DC capacitors
connected to VOUT, thus facilitating the PSE reading the MPS current pulses even if the
pulses duty cycle is close to the lower limits defined by the standard.
This feature is very important for applications which are sensitive to the standby current
consumption.
When the PM8805 is powered by an auxiliary source, typically the MPS current is not
activated, unless it is required to maintain the PoE line alive even if the internal bridge is
open: see the following section for more details.
In case of thermal shutdown, MPS current is turned off to ensure that the current
consumption is below the minimum threshold, thus allowing the PSE to disconnect the PD.
Table 13. MPS current profile
First class event = long
First class event = short
2-pair power
I=11.5mA; D=3%
I=11.5mA; D=27%
4-pair power
I=20mA; D=3%
I=20mA; D=27%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com