Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 4Page - STMicroelectronics PM8805 Datasheet HTML 5Page - STMicroelectronics PM8805 Datasheet HTML 6Page - STMicroelectronics PM8805 Datasheet HTML 7Page - STMicroelectronics PM8805 Datasheet HTML 8Page - STMicroelectronics PM8805 Datasheet HTML 9Page - STMicroelectronics PM8805 Datasheet HTML 10Page - STMicroelectronics PM8805 Datasheet HTML 11Page - STMicroelectronics PM8805 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Pin description and connection diagram
PM8805
8/45
DS12813 Rev 1
13, 14
GND12
System low potential; it is the return of the first active bridge and it is
connected to the Source of the IN12 low-side MOSFET. It must be
connected to the system AGND, together with the other bridges'
grounds.
17, 18, 29,
38, 39
VOB
System high potential; it is the positive potential of the active bridges
and it is connected to the drain of the internal bridge, high-side
MOSFETs.
Protect the rectified voltage with a TVS and a 100nF X7R 100V
rated ceramic capacitor as per IEEE802.3 standard.
19, 20, 23
IN36
Input for the signals connected to "Tx and Rx" pairs. This signal
along with IN12 signals is used to feed the 1st internal bridge.
21,22
GND36
System low potential; it is the return of the first active bridge and it is
connected to the Source of the IN36 low-side MOSFET. It must be
connected to the system AGND, together with the other bridges'
grounds.
24
CTRL
Protected replica of the internal gate driver for an external hot swap
MOSFET.
To slow down the rising edge of this signal a small value ceramic
capacitor may be added between this pin and GND.
25
PGD
High-voltage rating, open drain output signal to be used as Enable
for a DC/DC converter feed with VOUT voltage.
It is pulled down until the PoE voltage is below UVLO, or FAUX is
asserted, and the hot swap MOSFET is completely closed.
A 85ms delay typ. is required when receiving power from a PSE
before this signal is asserted.
PGD is also asserted as soon as an RAUX configuration is set.
26
NC
High-voltage rating spare pin. At the moment its function is
undefined.
27, 28
VOUT
Source of the high side, hot swap MOSFET.
This voltage can be used as input voltage for a DC/DC converter.
30
VDD
High-voltage rating pin, it is the supply voltage input for the PM8805
controller. It must be connected to VOB.
31
DET
Detection resistor, high-voltage rating pin.
Connect the signature resistance between DET pin and VOB.
Current flows through the resistor only during the detection phase; a
typical value for it is 26.1KΩ.
This pin has negligible resistance with respect to the external
resistance.
32
VCP
High-voltage rating pin, output of the internal charge pump.
Connect a 0.5A fast switching diode and a 10nF, 50V X7R ceramic
capacitor between this pin and VDD to filter this pin.
33, 36, 37
IN45
Input for the signals connected to "Spare" pairs. This signal along
with IN78 signals is used to feed the 2nd internal bridge.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com