Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
PM8805 overview
PM8805
22/45
DS12813 Rev 1
4.4
Autoclass
During the first long classification finger, if the STBY pin is pulled above Autoclass_thr (0.5 V
typ.), the CLS1 buffer is turned off after Tcls_typ3 to advertise the PSE that the PD is
capable of Autoclass.
The purpose of Autoclass is to allow the PSE to determine the actual maximum power
drawn of the connected PD; after power-up, a PD that implements Autoclass draws its
highest required power throughout a time period bounded by 1350 ms as start time and
3650 ms as end time, both times measured from when PD rises above Vport 2P min.
4.5
Charge pump and VCP pin
Above UVLO voltage, a charge pump circuit is turned on to provide the correct driving
voltage to the upper side MOSFETs. Vcp is set about 8 V above the higher input voltage
VDD. An external small size ceramic cap, typically a 10 nF 50 V X7R, is suggested between
VDD and VCP to stabilize this voltage, as well as a fast switching protection diode with
reverse current lower than 1 uA; the current capability Icp of the charge pump is limited to a
50 uA typical and for this reason no other component or circuit is allowed to be connected to
VCP.
The charge pump is turned off during standby or sleep mode in order to reduce the power
consumption, as well as during RAUX operations, since neither the Active Bridge nor the hot
swap MOSFET are on.
See Table 12 PM8805 Control Signals description for more details.
Note that in the case of OT protection, the charge pump is not turned off in order not to
increase the power losses into the active bridge.
4.6
Input Bridges
The bridges integrated into the PM8805 are realized with N-ch MOSFETs in order to
minimize the losses due to the diode forward voltage, to improve the current balancing in 4-
pair PoE operations and, at the same time, to simplify the PD design allowing huge PCB
area savings with respect to discrete active bridges.
The PM8805 is capable of driving the internal N-ch MOSFETs in order to simulate the
behavior of the diodes: all the MOSFETs are continuously monitored to control the direction
of the current, and prevent a reverse current flow to the PSE or a fast input voltage
discharge due to a transient condition.
The MOSFETs are only enabled when the input voltage is greater than UVLO; this means
that during detection and classification phases the pass element of the bridges are the
MOSFETs body diodes, while the current consumption is reduced in order to avoid
corrupting the measurement of the detection resistor and the classification current.
Above UVLO voltage, the input active bridge state machine is activated, in order to discover
the polarity of the input bridges and select which bridge can be turned on.
On each high-side MOSFET of the bridges, two circuits work in parallel monitoring the drain
source voltage: the first circuit is an op-amp with slow response time, which is in charge to
amplify the voltage drop across the MOSFET when the current is lower 200 mA, increasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com