Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 12Page - STMicroelectronics PM8805 Datasheet HTML 13Page - STMicroelectronics PM8805 Datasheet HTML 14Page - STMicroelectronics PM8805 Datasheet HTML 15Page - STMicroelectronics PM8805 Datasheet HTML 16Page - STMicroelectronics PM8805 Datasheet HTML 17Page - STMicroelectronics PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Electrical specifications
PM8805
16/45
DS12813 Rev 1
PGD signal (open drain)
PGD_low
Low state
Sinking 1mA
80
200
mV
PGD delay
High state
Measured from UVLO release
80
85
100
ms
T0, T1, T2 signals (open drain)
Pull down resistance
30
100
Ω
VB regulation(3)
VB_def
Default value
4.75
5.25
V
VB_Ilim
Current limit
5
10
mA
Thermal shutdown(4)
OT_thsd
Shutdown temp
Always on
160
°C
OT_hyst
Shutdown hyst
30
°C
Device current consumption
Idd_off
VDD quiescent current
VDD>VUVLO_R, VB=5V
1.5
2.0
mA
1. Bridge inputs are IN12, IN36, IN45, IN78, and the relevant ground pins are GND21, GND36, GND45, GND78. PoE inputs
are IN12 vs IN36 and IN45 vs. IN78.
2. The charge pump current Icp is intended for charging the VCP capacitor only.
3. The VB regulator is intended for internal use only as pull-up supply of PM8805 I/O signals; any additional external current
has to be limited within the specified max. current limit.
4. Guaranteed by design or characterization.
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com