Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 7Page - STMicroelectronics PM8805 Datasheet HTML 8Page - STMicroelectronics PM8805 Datasheet HTML 9Page - STMicroelectronics PM8805 Datasheet HTML 10Page - STMicroelectronics PM8805 Datasheet HTML 11Page - STMicroelectronics PM8805 Datasheet HTML 12Page - STMicroelectronics PM8805 Datasheet HTML 13Page - STMicroelectronics PM8805 Datasheet HTML 14Page - STMicroelectronics PM8805 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
DS12813 Rev 1
11/45
PM8805
Electrical specifications
45
3.2
Recommended operating conditions
3. Internally limited to 160°C typ. with internal overtemperature protection circuit.
Table 4. Recommended operating conditions
Parameter
Min.
Max.
Unit
PoE input voltage range
VOB to AGND
36(1)
57(1)
V
Front AUX
Input voltage range to AGND
15
57
V
Rear AUX
Input voltage range to AGND
957
V
Output current
from VOUT signal pins
2A
Input current
for each INxx signal
1A
1. Those are the limits of the input voltage as specified in the IEEE PoE standard valid for all PD systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com