Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 101Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 102Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 103Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 104Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 105Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 106Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 107Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 108Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 104 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.8 Voltage Digital to Analog Converter (VDAC)
See the VDAC component datasheet in PSoC Creator for full electrical specifications and APIs.
Unless otherwise specified, all charts and graphs show typical values.
Figure 11-61. VDAC INL vs Input Code, 1 V Mode
Figure 11-62. VDAC DNL vs Input Code, 1 V Mode
Table 11-36. VDAC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
–
8
–
bits
INL1
Integral nonlinearity
1 V scale
–
±2.1
±2.5
LSB
INL4
Integral nonlinearity[63]
4 V scale
–
±2.1
±2.5
LSB
DNL1
Differential nonlinearity
1 V scale
–
±0.3
±1
LSB
DNL4
Differential nonlinearity[63]
4 V scale
–
±0.3
±1
LSB
Rout
Output resistance
1 V scale
–
4
–
k
Ω
4 V scale
–
16
–
k
Ω
VOUT
Output voltage range, code = 255
1 V scale
–
1.02
–
V
4 V scale, Vdda = 5 V
–
4.08
–
V
Monotonicity
–
–
Yes
–
VOS
Zero scale error
–
0
±0.9
LSB
Eg
Gain error
1 V scale
–
–
±2.5
%
4 V scale
–
–
±2.5
%
TC_Eg
Temperature coefficient, gain error 1 V scale
–
–
0.03
%FSR / °C
4 V scale
–
–
0.03
%FSR / °C
IDD
Operating current[63]
Slow mode
–
–
100
µA
Fast mode
–
–
500
µA
0
0.5
1
-1
-0.5
0
0
32
64
96
128
160
192
224
256
Code, 8-bit
0
0.25
0.5
-0.5
-0.25
0
0
32
64
96
128
160
192
224
256
Code, 8-bit
Note
63. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com