Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 107 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 107 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 103Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 104Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 105Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 106Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 107Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 108Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 109Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 110Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 111Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 106 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-69. VDAC Step Response, Codes 0x40 - 0xC0, 1 V
Mode, Fast Mode, Vdda = 5 V
Figure 11-70. VDAC Glitch Response, Codes 0x7F - 0x80, 1 V
Mode, Fast Mode, Vdda = 5 V
Figure 11-71. VDAC PSRR vs Frequency
Figure 11-72. VDAC Voltage Noise, 1 V Mode, Fast Mode,
Vdda = 5 V
Table 11-37. VDAC AC Specifications[64]
Parameter
Description
Conditions
Min
Typ
Max
Units
FDAC
Update rate
1 V scale
–
–
1000
ksps
4 V scale
–
–
250
ksps
TsettleP
Settling time to 0.1%, step 25% to
75%
1 V scale, Cload = 15 pF
–
0.45
1
µs
4 V scale, Cload = 15 pF
–
0.8
3.2
µs
TsettleN
Settling time to 0.1%, step 75% to
25%
1 V scale, Cload = 15 pF
–
0.45
1
µs
4 V scale, Cload = 15 pF
–
0.7
3
µs
Voltage noise
Range = 1 V, fast mode, Vdda =
5V, 10kHz
–750
–
nV/sqrtHz
05
0.75
1
0
0.25
0.5
00.5
11.5
2
Time, μs
0.52
0.54
0.48
0.5
0
0.5
1
1.5
2
Time, μs
20
30
40
50
0
10
0.1
1
10
100
1000
Frequency, kHz
4 V, code 0x7F
4 V, code 0xFF
1000
10000
100000
10
100
1000
0.01
0.1
1
10
100
Frequency, kHz
Note
64. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com