Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 29Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 30Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 31Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 32Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 33Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 34Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 35Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 36Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 33 of 144
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0, normal operating mode, VSWOUT is connected to VDD.
All of the analog circuitry and digital circuitry powered by
VINTD and VINTA are enabled by default. In normal mode, the
default clock frequency, fCORE, established during a power-on
reset or software reset, is 1.024 MHz.
PSM1 (BATTERY MODE)
In PSM1, battery mode, VSWOUT is connected to VBAT. In this
operating mode, the 8052 core and all of the digital circuitry are
enabled by default. The analog circuitry for the ADE energy
metering DSP powered by VINTA is disabled. This analog circuitry
automatically restarts, and the switch to the VDD power supply
occurs when the VDD supply is above 2.75 V and when the
PWRDN bit in the MODE1 register (0x0B) is cleared (see
Table 32). The default fCORE for PSM1, established during a
power-on reset or software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 is a low power consumption sleep mode for use in battery
operation. In this mode, VSWOUT is connected to VBAT. All of the
2.5 V digital and analog circuitry powered through VINTA and VINTD
are disabled, including the MCU core, resulting in the following:
•
The RAM in the MCU is no longer valid.
•
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5 V supply is shut
down. Therefore, the program does not resume from
where it left off but always starts from the power-on reset
vector when the ADE7566/ADE7569/ADE7166/ADE7169
exit PSM2.
The 3.3 V peripherals (temperature ADC, VDCIN ADC, RTC,
and LCD) are active in PSM2. They can be enabled or disabled
to reduce power consumption and are configured for PSM2
operation when the MCU core is active (see Table 28 for more
information about the individual peripherals and their PSM2
configuration). The ADE7566/ADE7569/ADE7166/ADE7169
remain in PSM2 until an event occurs to wake them up.
In PSM2, the ADE7566/ADE7569/ADE7166/ADE7169 provide
four scratch pad RAM SFRs that are maintained during this
mode. These SFRs can be used to save data from PSM0 or
PSM1 when entering PSM2 (see Table 21 to Table 24).
In PSM2, the ADE7566/ADE7569/ADE7166/ADE7169
maintain some SFRs (see Table 27). The SFRs that are not listed
in this table should be restored when the part enters PSM0 or
PSM1 from PSM2.
Table 27. SFR Maintained in PSM2
I/O Configuration
Power Supply Monitoring
RTC Peripherals
LCD Peripherals
Interrupt Pins Configuration SFR
(INTPR, 0xFF), see Table 16
Battery Detection Threshold SFR
(BATVTH, 0xFA), see Table 51
RTC Nominal Compensation SFR
(RTCCOMP, 0xF6), see Table 126
LCD Segment Enable 2 SFR
(LCDSEGE2, 0xED), see Table 88
Peripheral Configuration SFR (PERIPH,
0xF4), see Table 19
Battery Switchover Configura-tion
SFR (BATPR, 0xF5), see Table 18
RTC Temperature Compensation
SFR (TEMPCAL, 0xF7), see Table 127
LCD Configuration Y SFR
(LCDCONY, 0xB1),see Table 81
Port 0 Weak Pull-Up Enable SFR
(PINMAP0, 0xB2), see Table 150
Battery ADC Value SFR
(BATADC, 0xDF), see Table 53
RTC Configuration SFR (TIMECON,
0xA1), see Table 120
LCD Configuration X SFR
(LCDCONX, 0x9C), see Table 79
Port 1 Weak Pull-Up Enable SFR
(PINMAP1, 0xB3), see Table 151
Peripheral ADC Strobe Period SFR
(STRBPER, 0xF9), see Table 48
Hundredths of a Second Counter
SFR (HTHSEC, 0xA2), see Table 121
LCD Configuration SFR
(LCDCON, 0x95), see Table 78
Port 2 Weak Pull-Up Enable SFR
(PINMAP2, 0xB4), see Table 152
Temperature and Supply Delta SFR
(DIFFPROG, 0xF3), see Table 49
Seconds Counter SFR (SEC, 0xA3),
see Table 122
LCD Clock SFR (LCDCLK, 0x96),
see Table 82
Scratch Pad 1 SFR (SCRATCH1, 0xFB),
see Table 21
VDCIN ADC Value SFR
(VDCINADC, 0xEF), see Table 52
Minutes Counter SFR (MIN, 0xA4),
see Table 123
LCD Segment Enable SFR
(LCDSEGE, 0x97) see Table 85
Scratch Pad 2 SFR (SCRATCH2, 0xFC),
see Table 22
Temperature ADC Value SFR
(TEMPADC, 0xD7), see Table 54
Hours Counter SFR (HOUR, 0xA5),
see Table 124
LCD Pointer SFR (LCDPTR, 0xAC),
see Table 86
Scratch Pad 3 SFR (SCRATCH3, 0xFD),
see Table 23
Alarm Interval SFR (INTVAL, 0xA6),
see Table 125
LCD Data SFR (LCDDAT, 0xAE),
see Table 87
Scratch Pad 4 SFR (SCRATCH4, 0xFE),
see Table 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com