Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 94 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 90Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 91Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 92Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 93Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 94Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 95Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 96Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 97Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 94 of 144
WATCHDOG TIMER
The watchdog timer generates a device reset or interrupt within
a reasonable amount of time if the ADE7566/ADE7569/
ADE7166/ADE7169 enter an erroneous state, possibly due to a
programming error or electrical noise. The watchdog is enabled
by default with a timeout of two seconds and creates a system reset
if not cleared within two seconds. The watchdog function can be
disabled by clearing the watchdog enable bit (WDE) in the
Watchdog Timer SFR (WDCON, 0xC0).
The WDCON SFR can be written only by user software if the
double write sequence described in Table 75 is initiated on
every write access to the WDCON SFR.
To prevent any code from inadvertently disabling the watchdog, a
watchdog protection can be activated. This watchdog protection
locks in the watchdog enable and event settings so they cannot
be changed by user code. The protection is activated by clearing
a watchdog protection bit in the flash memory. The watchdog
protection bit is the most significant bit at Address 0x3FFA of
the flash memory. When this bit is cleared, the WDIR bit is forced
to 0, and the WDE bit is forced to 1. Note that the sequence for
configuring the flash protection bits must be followed to modify
the watchdog protection bit at Address 0x3FFA (see the
The watchdog circuit generates a system reset or interrupt
(WDS) if the user program fails to set the WDE bit within a
predetermined amount of time (set by the PRE[3:0] bits).
The watchdog timer is clocked from the 32.768 kHz external
crystal connected between the CLKIN and CLKOUT pins.
Protecting the Flash Memory section).
Table 75. Watchdog Timer SFR (WDCON, 0xC0)
Bit
Address
Mnemonic
Default
Description
7 to 4
PRE[3:0]
7
0xC7 to
0xC4
Watchdog Prescaler. In normal mode, the 16-bit watchdog timer is clocked by the input
clock (32.768 kHz). The PREx bits set which of the upper bits of the counter are used as the
watchdog output as follows:
CLKIN
t
PRE
WATCHDOG
9
2
2
×
=
PRE[3:0]
Result (Watchdog Timeout)
0000
15.6 ms
0001
31.2 ms
0010
62.5 ms
0011
125 ms
0100
250 ms
0101
500 ms
0110
1 sec
0111
2 sec
1000
0, automatic reset
1001
0, serial download reset
1010 to 1111
Not a valid selection
3
0xC3
WDIR
0
Watchdog Interrupt Response Bit. When cleared, the watchdog generates a system reset
when the watchdog time out period has expired. When set, the watchdog generates an
interrupt when the watchdog time out period has expired.
2
0xC2
WDS
0
Watchdog Status Bit. This bit is set to indicate that a watchdog timeout has occurred. It is
cleared by writing a 0 or by an external hardware reset. A watchdog reset does not clear
WDS; therefore, it can be used to distinguish between a watchdog reset and a hardware
reset from the RESET pin.
1
0xC1
WDE
1
Watchdog Enable Bit. When set, this bit enables the watchdog and clears its counter. The
watchdog counter is subsequently cleared again whenever WDE is set. If the watchdog is
not cleared within its selected timeout period, it generates a system reset or watchdog
interrupt, depending on the WDIR bit.
0
0xC0
WDWR
0
Watchdog Write Enable Bit. See the Writing to the Watchdog Timer SFR (WDCON, 0xC0)
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com