Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 69 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 65Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 66Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 67Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 68Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 69Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 70Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 71Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 72Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 69 of 144
APPARENT ENERGY CALCULATION
The apparent energy is given as the integral of the apparent power.
∫
=
dt
t
Power
Apparent
Energy
Apparent
)
(
(33)
The ADE7566/ADE7569/ADE7166/ADE7169 achieve the
integration of the apparent power signal by continuously
accumulating the apparent power signal in an internal 48-bit
register. The apparent energy register (VAHR[23:0]) represents
the upper 24 bits of this internal register. This discrete time
accumulation or summation is equivalent to integration in
continuous time. Equation 34 expresses the relationship.
⎭
⎬
⎫
⎩
⎨
⎧
×
=
∑
∞
=
→
0
0
)
(
lim
n
T
T
nT
Power
Apparent
Energy
Apparent
(34)
where:
n is the discrete time sample number.
T is the sample period.
The discrete time sample period (T) for the accumulation
register in the ADE7566/ADE7569/ADE7166/ADE7169 is 1.22 μs
(5/MCLK).
Figure 76 shows this discrete time integration or accumulation.
The apparent power signal is continuously added to the internal
register. This addition is a signed addition even if the apparent
energy theoretically remains positive.
The 49 bits of the internal register are divided by VADIV. If the
value in the VADIV register is 0, the internal apparent energy
register is divided by 1. VADIV is an 8-bit unsigned register.
The upper 24 bits are then written in the 24-bit apparent energy
register (VAHR[23:0]). The RVAHR register (24 bits long) is
provided to read the apparent energy. This register is reset to 0
after a read operation
Note that the apparent energy register is unsigned. By setting the
VAEHF and VAEOF bits in the Interrupt Enable 2 SFR
(MIRQENM, 0xDA), the ADE7566/ADE7569/ADE7166/
ADE7169 can be configured to issue an ADE interrupt to the
8052 core when the apparent energy register is half-full or when
an overflow occurs. The half-full interrupt for the unsigned
apparent energy register is based on 24 bits as opposed to 23 bits
for the signed active energy register.
Integration Times Under Steady Load: Apparent Energy
As mentioned in the Apparent Energy Calculation section, the
discrete time sample period (T) for the accumulation register is
1.22 μs (5/MCLK). With full-scale sinusoidal signals on the
analog inputs and the VAGAIN register set to 0x000, the
average word value from the apparent power stage is 0x1A36E2
(see the Apparent Power Calculation section). The maximum
value that can be stored in the apparent energy register before it
overflows is 224 or 0xFF,FFFF. The average word value is added
to the internal register, which can store 248 or 0xFFFF,FFFF,FFFF
before it overflows. Therefore, the integration time under these
conditions with VADIV = 0 is calculated as follows:
Time =
min
33
.
3
sec
199
s
22
.
1
0xD055
FFFF
FFFF,
0xFFFF,
=
=
μ
×
(35)
When VADIV is set to a value different from 0, the integration
time varies, as shown in Equation 36.
Time
= TimeWDIV = 0 × VADIV
(36)
VADIV
APPARENT POWER
or
Irms
+
+
VAHR[23:0]
APPARENT POWER OR Irms IS
ACCUMULATED (INTEGRATED)
IN THE APPARENT ENERGY
REGISTER
23
0
48
0
48
0
%
TIME (nT)
T
APPARENT
POWER SIGNAL = P
Figure 76. Apparent Energy Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com