Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 21Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 22Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 23Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 24Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 25Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 26Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 27Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 28Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 25 of 144
POWER MANAGEMENT
The ADE7566/ADE7569/ADE7166/ADE7169 have elaborate
power management circuitry that manages the regular power
supply to battery switchover and power supply failures. The
power management functionalities can be accessed directly
through the 8052 SFRs (see Table 15).
Table 15. Power Management SFRs
SFR Address
R/W
Mnemonic
Description
0xEC
R/W
IPSME
Power Management Interrupt Enable. See Table 20.
0xF5
R/W
BATPR
Battery Switchover Configuration. See Table 18.
0xF8
R/W
IPSMF
Power Management Interrupt Flag. See Table 17.
0xFF
R/W
INTPR
Interrupt Pins Configuration. See Table 16.
0xF4
R/W
PERIPH
Peripheral Configuration SFR. See Table 19.
0xC5
R/W
POWCON
Power Control. See Table 25.
0xFB
R/W
SCRATCH1
Scratch Pad 1. See Table 21.
0xFC
R/W
SCRATCH2
Scratch Pad 2. See Table 22.
0xFD
R/W
SCRATCH3
Scratch Pad 3. See Table 23.
0xFE
R/W
SCRATCH4
Scratch Pad 4. See Table 24.
POWER MANAGEMENT REGISTER DETAILS
Table 16. Interrupt Pins Configuration SFR (INTPR, 0xFF)
Bit
Mnemonic
Default
Description
7
RTCCAL
0
Controls RTC calibration output. When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
Sets RTC calibration output frequency and calibration window.
FSEL[1:0]
Result (Calibration window, frequency)
00
30.5 sec, 1 Hz
01
30.5 sec, 512 Hz
10
0.244 sec, 500 Hz
6 to 5
FSEL[1:0]
00
11
0.244 sec, 16.384 kHz
4
Reserved
Controls the function of INT1.
INT1PRG[2:0]
Result
X00
GPIO enabled
X01
BCTRL enabled
01X
INT1 input disabled
3 to 1
INT1PRG[2:0]
000
11X
INT1 input enabled
Controls the function of INT0.
INT0PRG
Result
0
INT0 input disabled
0
INT0PRG
0
1
INT0 input enabled
Writing to the Interrupt Pins Configuration SFR (INTPR, 0xFF)
To protect the RTC from runaway code, a key must be written to the Key SFR (KYREG, 0xC1) to obtain write access to INTPR. KYREG
(see Table 116) should be set to 0xEA to unlock this SFR and reset to zero after a timekeeping register is written to. The RTC registers can
be written using the following 8052 assembly code:
MOV
KYREG, #0EAh
MOV
INTPR, #080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com