Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 56 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 52Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 53Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 54Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 55Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 56Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 57Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 58Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 59Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 56 of 144
Current Channel RMS Calculation
Each ADE7566/ADE7569/ADE7166/ADE7169 simultaneously
calculates the rms values for the current and voltage channels in
different registers. Figure 61 shows the detail of the signal
processing chain for the rms calculation on the current channel.
The current channel rms value is processed from the samples
used in the current channel waveform sampling mode and is
stored in an unsigned 24-bit register (Irms). One LSB of the
current channel rms register is equivalent to one LSB of a
current channel waveform sample.
The update rate of the current channel rms measurement is
4.096 MHz/5. To minimize noise in the reading of the register,
the Irms register can also be configured to update only with the
zero crossing of the voltage input. This configuration is done by
setting the ZXRMS bit in the MODE2 register (0x0C).
With the specified full-scale analog input signal different PGA1
values, the ADC produces an output code that is approximately
±0d2,147,483 (PGA1 = 1) or ±0d2,684,354 (PGA1 = 2, 4, 8, or 16).
See the Current Channel ADC section. Similarly, the equivalent
rms value of a full-scale ac signal is 0d1,518,499 (0x172BA3)
when PGA = 1 and 0d1,898,124 (0x1CF68C) when PGA1 = 2,
4, 8, or 16. The current rms measurement provided in the
ADE7566/ADE7569/ADE7166/ADE7169 is accurate to within
0.5% for signal inputs between full scale and full scale/500. The
conversion from the register value to amps must be done
externally in the microprocessor using an amps/LSB constant.
Current Channel RMS Offset Compensation
The ADE7566/ADE7569/ADE7166/ADE7169 incorporate a
current channel rms offset compensation register (IRMSOS).
This is a 12-bit signed register that can be used to remove offset
in the current channel rms calculation. An offset can exist in
the rms calculation due to input noises that are integrated into
the dc component of V2(t).
One LSB of the current channel rms offset is equivalent to
16,384 LSBs of the square of the current channel rms register.
Assuming that the maximum value from the current channel
rms calculation is 0d1,898,124 with full-scale ac inputs, then
1 LSB of the current channel rms offset represents 0.23% of
measurement error at −60 dB down of full scale.
32768
2
×
+
=
IRMSOS
I
I
0
rms
rms
(6)
where Irms0 is the rms measurement without offset correction.
Irms(t)
0x00
+
IRMSOS[11:0]
Irms[23:0]
226
225
sgn
227
217 216
218
24
24
dt
MODE 1[5]
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR OFF
0xD70A3E
0x000000
0x28F5C2
60Hz
0xD487B0
0x2B7850
0x000000
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR ON (60Hz)
HPF1
DIGITAL
INTEGRATOR*
LPF3
HPF
HPF
IPA
IPB
Figure 60. ADE7566/ ADE7569 Current Channel RMS Signal Processing with PGA1 = 1, 2, 4, 8, or 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com