Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 71 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 67Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 68Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 69Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 70Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 71Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 72Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 73Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 74Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 71 of 144
Pulse Output Configuration
ENERGY-TO-FREQUENCY CONVERSION
The two pulse output circuits have separate configuration bits
in the MODE2 Register (0x0C. Setting the CFxSEL bits to 0b00,
0b01, or 0b1x configures the DFC to create a pulse output
proportional to active power, to reactive power (not available in
the ADE7566 and ADE7166), or to apparent power or Irms,
respectively.
The ADE7566/ADE7569/ADE7166/ADE7169 also provide two
energy-to-frequency conversions for calibration purposes. After
initial calibration at manufacturing, the manufacturer or end
customer often verify the energy meter calibration. One
convenient way to do this is for the manufacturer to provide an
output frequency that is proportional to the active power,
reactive power, apparent power, or Irms under steady load
conditions. This output frequency can provide a simple, single-
wire, optically isolated interface to external calibration equipment.
The selection between Irms and apparent power is done by the
VARMSCFCON bit in the MODE2 register (0x0C). With this
selection, CF2 cannot be proportional to apparent power if CF1
is proportional to Irms, and CF1 cannot be proportional to
apparent power if CF2 is proportional to Irms.
Figure 78 illustrates the energy-to-frequency conversion in the
ADE7566/ADE7569/ADE7166/ADE7169.
VAR*
VA
CFxSEL[1:0]
WATT
VARMSCFCON
*AVAILABLE ONLY IN THE ADE7569 AND ADE7169
MODE 2 REGISTER 0x0C
Irms
CFx PULSE
OUTPUT
CFxNUM
CFxDEN
÷
DFC
Pulse Output Characteristic
The pulse output for both DFCs stays low for 90 ms if the pulse
period is longer than 180 ms (5.56 Hz). If the pulse period is
shorter than 180 ms, the duty cycle of the pulse output is 50%.
The pulse output is active low and should preferably be
connected to an LED, as shown in Figure 79.
VDD
CF
Figure 78. Energy-to-Frequency Conversion
Figure 79. CF Pulse Output
Two digital-to-frequency converters (DFC) are used to generate
the pulsed outputs. When WDIV = 0 or 1, the DFC generates a
pulse each time 1 LSB in the energy register is accumulated. An
output pulse is generated when CFxNUM/CFxDEN number of
pulses are generated at the DFC output. Under steady load
conditions, the output frequency is proportional to the active
power, reactive power, apparent power, or Irms, depending on the
CFxSEL bits in the MODE2 register (0x0C).
The maximum output frequency with ac input signals at
full scale and CFxNUM = 0x00 and CFxDEN = 0x00 is
approximately 21.1 kHz.
The ADE7566/ADE7569/ADE7166/ADE7169 incorporate two
registers per DFC, CFxNUM[15:0] and CFxDEN[15:0], to set
the CFx frequency. These are unsigned 16-bit registers that can
be used to adjust the CFx frequency to a wide range of values.
These frequency scaling registers are 16-bit registers that can
scale the output frequency by 1/216 to 1 with a step of 1/216.
Both pulse outputs can be enabled or disabled by clearing or
setting Bit DISCF1 and Bit DISCF2 in the MODE1 register
(0x0B), respectively.
If 0 is written to any of these registers, 1 is applied to the
register. The ratio CFxNUM/CFxDEN should be less than 1 to
ensure proper operation. If the ratio of the CFxNUM/CFxDEN
registers is greater than 1, the register values are adjusted to a
ratio of 1. For example, if the output frequency is 1.562 kHz
while the content of CFxDEN is 0 (0x000), the output frequency
can be set to 6.1 Hz by writing 0xFF to the CFxDEN register.
Both pulse outputs set separate flags in the Interrupt Status 2 SFR
(MIRQSTM, 0xDD), CF1 and CF2. If the CF1 and CF2 enable
bits in the Interrupt Enable 2 SFR (MIRQENM, 0xDA) are set,
the 8052 core has a pending ADE interrupt. The ADE interrupt
stays active until the CF1 or CF2 status bits are cleared (see the
Energy Measurement Interrupts section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com